Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7332 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM7332
Description  LM7332 Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7332 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM7332_15 Datasheet HTML 2Page - Texas Instruments LM7332_15 Datasheet HTML 3Page - Texas Instruments LM7332_15 Datasheet HTML 4Page - Texas Instruments LM7332_15 Datasheet HTML 5Page - Texas Instruments LM7332_15 Datasheet HTML 6Page - Texas Instruments LM7332_15 Datasheet HTML 7Page - Texas Instruments LM7332_15 Datasheet HTML 8Page - Texas Instruments LM7332_15 Datasheet HTML 9Page - Texas Instruments LM7332_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
IN- A
IN+ A
V
-
V
+
IN- B
IN+ B
-
A
B
OUT B
1
2
3
4
5
6
7
8
OUT A
IN- A
IN+ A
V
-
V
+
IN- B
IN+ B
-
A
B
LM7332
SNOSAV4A – APRIL 2008 – REVISED MARCH 2013
www.ti.com
±15V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = +15V, V= −15V, V
CM = 0V, VO = 0V, and RL > 1 MΩ to
0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min (2)
Typ (3)
Max (2)
Units
AVOL
Large Signal Voltage Gain
−14V ≤ VO ≤ 14V
72
80
dB
RL = 10 kΩ to 0V
70
VO
Output Swing
RL = 10 kΩ to 0V
100
350
High
VID = 100 mV
400
RL = 2 kΩ to 0V
200
550
VID = 100 mV
600
mV from
either rail
Output Swing
RL = 10 kΩ to 0V
20
450
Low
VID = −100 mV
500
RL = 2 kΩ to 0V
25
550
VID = −100 mV
600
ISC
Output Short Circuit Current
Sourcing from V+, VID = 200 mV
(6)
140
mA
Sinking to V, VID = −200 mV
(6)
140
IOUT
Output Current
VID = ±200 mV, VO = 1V from rails
±70
mA
IS
Total Supply Current
No Load, VCM = −14.5V
2.0
2.5
mA
3.0
SR
Slew Rate (7)
AV = +1, VI = 20V Step, RL = 1 MΩ,
15.2
V/µs
CL = 10 pF
fu
Unity Gain Frequency
RL = 10 MΩ, CL = 20 pF
9
MHz
GBWP
Gain Bandwidth Product
f = 50 kHz
21
MHz
en
Input Referred Voltage Noise
f = 2 kHz
15.5
nV/
√HZ
in
Input Referred Current Noise
f = 2 kHz
1
pA/
√HZ
THD+N
Total Harmonic Distortion +Noise AV = +2, RL = 100 kΩ, f = 1 kHz
−93
dB
VO = 25 VPP
CT Rej.
Crosstalk Rejection
f = 3 MHz, Driver RL = 10 kΩ
68
dB
(6)
Short circuit test is a momentary test. Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V,
allowable short circuit duration is 1.5 ms.
(7)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
Connection Diagram
Figure 1. 8-Pin VSSOP (Top View)
Figure 2. 8-Pin SOIC (Top View)
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7332


Similar Part No. - LM7332_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332MA TI1-LM7332MA Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
LM7332MA/NOPB TI1-LM7332MA/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
logo
National Semiconductor ...
LM7332MAX NSC-LM7332MAX Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332MAX TI1-LM7332MAX Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - LM7332_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
   High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
logo
Texas Instruments
OPA2810 TI1-OPA2810_18 Datasheet
468Kb / 28P
[Old version datasheet]   Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
   Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
OPA2810 TI1-OPA2810 Datasheet
395Kb / 26P
[Old version datasheet]   OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com