Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLD1120EL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLD1120EL
Description  1 Channel High Side Current Source
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD1120EL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLD1120EL_15 Datasheet HTML 5Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 6Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 7Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 8Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 9Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 10Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 11Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 12Page - Infineon Technologies AG TLD1120EL_15 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TLD1120EL
General Product Characteristics
Data Sheet
9
Rev. 1.1, 2015-03-19
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.15
Supply voltage range for
normal operation
V
S(nom)
5.5
40
V
4.2.16
Power on reset threshold
V
S(POR)
–5V
V
EN = VS
R
SET =12kΩ
I
OUT = 80% IOUT(nom)
V
OUT =2.5 V
4.2.17
Junction temperature
T
j
-40
150
°C–
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Junction to Case
R
thJC
–8
10
K/W
1) 2)
1) Not subject to production test, specified by design. Based on simulation results.
2) Specified
R
thJC value is simulated at natural convection on a cold plate setup (all pins and the exposed Pad are fixed to
ambient temperature).
T
a = 85°C, Total power dissipation 1.5 W.
4.3.2
Junction to Ambient 1s0p board
R
thJA1
61
56
K/W
1) 3)
T
a =85°C
T
a = 135 °C
3) The
R
thJA values are according to Jedec JESD51-3 at natural convection on 1s0p FR4 board. The product (chip + package)
was simulated on a 76.2 x 114.3 x 1.5 mm3 board with 70µm Cu, 300 mm2 cooling area. Total power dissipation 1.5 W
distributed statically and homogenously over power stage.
4.3.3
Junction to Ambient 2s2p board
R
thJA2
45
43
K/W
1) 4)
T
a =85°C
T
a = 135 °C
4) The
R
thJA values are according to Jedec JESD51-5,-7 at natural convection on 2s2p FR4 board. The product (chip +
package) was simulated on a 76.2 x 114.3 x 1.5 mm3 board with 2 inner copper layers (outside 2 x 70 µm Cu, inner 2 x
35µm Cu). Where applicable, a thermal via array under the exposed pad contacted the first inner copper layer. Total power
dissipation 1.5 W distributed statically and homogenously over power stage.


Similar Part No. - TLD1120EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
logo
Marl International Limi...
TLD1121EL MARL-TLD1121EL_15 Datasheet
1Mb / 31P
   Basic LED Driver
logo
Infineon Technologies A...
TLD1121EL INFINEON-TLD1121EL_15 Datasheet
1Mb / 31P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
More results

Similar Description - TLD1120EL_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD1124EL INFINEON-TLD1124EL_15 Datasheet
1Mb / 29P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1121EL INFINEON-TLD1121EL_15 Datasheet
1Mb / 31P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL_15 Datasheet
1Mb / 36P
   1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLE4242EJ INFINEON-TLE4242EJ_15 Datasheet
652Kb / 17P
   1 Channel High Side Current Source up to 500mA
Revision 1.0 2015-03-13
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com