Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC260622SC Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PXAC260622SC
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC260622SC Datasheet(HTML) 4 Page - Infineon Technologies AG

  PXAC260622SC Datasheet HTML 1Page - Infineon Technologies AG PXAC260622SC Datasheet HTML 2Page - Infineon Technologies AG PXAC260622SC Datasheet HTML 3Page - Infineon Technologies AG PXAC260622SC Datasheet HTML 4Page - Infineon Technologies AG PXAC260622SC Datasheet HTML 5Page - Infineon Technologies AG PXAC260622SC Datasheet HTML 6Page - Infineon Technologies AG PXAC260622SC Datasheet HTML 7Page - Infineon Technologies AG PXAC260622SC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
4 of 8
Rev. 02.1, 2015-06-03
PXAC260622SC
Typical Performance (cont.)
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 28 V, IDQ = 115 mA
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
2496
16.4 – j12.3
9.8 – j12.0
19.8
44.3
27.1
55.1
10.9 – j5.9
21.6
43.2
20.8
61.3
2570
18.0 – j11.1
8.9 – j11.8
19.4
44.3
26.7
54.1
9.5 – j6.0
21.4
43.0
20.0
60.4
2690
18.3 – j 0.1
10.1 – j13.5
19.2
44.4
27.8
56.0
8.0 – j8.4
20.9
43.3
21.4
61.5
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 28 V, VGSPEAK = 1.4 V , IDQ = 115 mA
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
hD
[%]
2495
17.6 – j14.7
5.3 – j11.1
14.7
47.7
59
59.4
7.8 – j7.1
15.6
46.2
42
67.6
2570
19.7 – j11.1
6.2 – j13.2
15.5
47.4
55
56.8
7.0 – j7.4
15.6
45.7
37
65.5
2690
19.0 – j0.5
6.1 – j15.1
14.1
47.4
55
57.8
6.2 – j10.5
15.1
45.9
38
64.8
-26
-22
-18
-14
-10
-6
-2
8
10
12
14
16
18
20
2300 2400 2500 2600 2700 2800 2900
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 28 V, IDQ = 115 mA
IRL
Gain
pxfc260622sc_g6


Similar Part No. - PXAC260622SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC260602FC INFINEON-PXAC260602FC Datasheet
352Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2014-05-14
logo
Cree, Inc
PXAC260602FC CREE-PXAC260602FC Datasheet
633Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB 28 V, 2620 ??2690 MHz
logo
Infineon Technologies A...
PXAC260602FCV1R0 INFINEON-PXAC260602FCV1R0 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PXAC260602FCV1R0XTMA1 INFINEON-PXAC260602FCV1R0XTMA1 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PXAC260602FCV1R250 INFINEON-PXAC260602FCV1R250 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
More results

Similar Description - PXAC260622SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com