Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC260622SC Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PXAC260622SC
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC260622SC Datasheet(HTML) 1 Page - Infineon Technologies AG

  PXAC260622SC_15 Datasheet HTML 1Page - Infineon Technologies AG PXAC260622SC_15 Datasheet HTML 2Page - Infineon Technologies AG PXAC260622SC_15 Datasheet HTML 3Page - Infineon Technologies AG PXAC260622SC_15 Datasheet HTML 4Page - Infineon Technologies AG PXAC260622SC_15 Datasheet HTML 5Page - Infineon Technologies AG PXAC260622SC_15 Datasheet HTML 6Page - Infineon Technologies AG PXAC260622SC_15 Datasheet HTML 7Page - Infineon Technologies AG PXAC260622SC_15 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 8
Rev. 02.1, 2015-06-03
PXAC260622SC
Thermally-Enhanced High Power RF LDMOS FET
75 W, 28 V, 2496 – 2690 MHz
Description
The PXAC260622SC is a 75-watt LDMOS FET with an asymetric
design for use in multi-standard cellular power amplifier applications
in the 2496 to 2690 MHz frequency band. It features dual-path design,
input and output matching, and a thermally-enhanced, surface-mount
package with earless flange. Manufactured with Infineon's advanced
LDMOS process, this device provides excellent thermal performance
and superior reliability.
PXAC260622SC
Package H-37248H-4
with formed leads
RF Characteristics
Single-carrier WCDMA Specifications (device tested in Infineon Doherty test fixture with straight leads)
VDD = 28 V, IDQ = 115 mA, POUT = 8.9 W avg, ƒ1 = 2690 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average =
10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
14.5
15.8
dB
Drain Efficiency
hD
40
42
%
Adjancent Channel Power Ratio
ACPR
–30
–27
dBc
Features
• Broadband internal input and output matching
• Asymmetrical Doherty design
- Main: 25 W Typ (P1dB)
- Peak: 50 W Typ (P1dB)
• Typical pulsed performance in a Doherty configura-
tion, at 39.5 dB POUT, 2690 MHz, 28 V, with pulse
10 µs, 10% DC
- Gain = 16dB
- Efficiency = 45%
• Integrated ESD protection
• Pb-free and RoHS compliant
• Capable of handling 10:1 VSWR @28 V, 50 W
(CW) output power
-75
-50
-25
0
25
50
75
0
4
8
12
16
20
24
27
31
35
39
43
47
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 115 mA, ƒ = 2690 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
pxfc260622sc_g1


Similar Part No. - PXAC260622SC_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC260602FC INFINEON-PXAC260602FC Datasheet
352Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2014-05-14
logo
Cree, Inc
PXAC260602FC CREE-PXAC260602FC Datasheet
633Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB 28 V, 2620 ??2690 MHz
logo
Infineon Technologies A...
PXAC260602FCV1R0 INFINEON-PXAC260602FCV1R0 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PXAC260602FCV1R0XTMA1 INFINEON-PXAC260602FCV1R0XTMA1 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
PXAC260602FCV1R250 INFINEON-PXAC260602FCV1R250 Datasheet
551Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 60 W, P3dB @ 28 V, 2620 ??2690 MHz
Rev. 02.4, 2016-06-22
More results

Similar Description - PXAC260622SC_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com