Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC180602MD Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PXAC180602MD
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC180602MD Datasheet(HTML) 5 Page - Infineon Technologies AG

  PXAC180602MD_15 Datasheet HTML 1Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 2Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 3Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 4Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 5Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 6Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 7Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 8Page - Infineon Technologies AG PXAC180602MD_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PXAC180602MD
Data Sheet
5 of 10
Rev. 02.1, 2015-06-18
Load Pull Performance – P1dB
Load Pull Performance – P3dB
Main Side Load Pull Performance – CW signal: VDD = 28 V, IDQ = 85 mA, Class AB
P1dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
1805
7.3-j16.9
8.8-j10.33
20.55
43.62
23
63.4
12.8-j1.9
21.86
41.73
14.89
70.8
1843
6.6-j18.9
8.4-j10.4
20.71
43.29
21.33
60.8
11.8-j4.4
22.12
42.10
16.22
69.6
1880
8.3-j21.5
7.5-j9.3
20.67
43.30
21.38
63.4
9.3-j3.9
21.86
41.87
15.38
69.4
Peak Side Load Pull Performance – CW signal: VDD = 28 V, VGSPK = 1.4 V
P1dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
1805
13.5 – j0.7
5.2 – j8.4
16.92
46.35
43.15
63.8
9.9 – j8.0
17.51
45.09
32.28
72.3
1842
7.7 – j0.2
4.7 – j8.4
16.8
46.43
43.95
63.3
9.0 – j7.1
17.47
45.14
32.66
72.7
1880
4.8 – j0.2
4.4 – j8.5
16.7
46.42
43.85
62.8
8.6 – j6.8
17.36
44.99
31.55
72.4
Main Side Load Pull Performance – CW signal: VDD = 28 V, IDQ = 85 mA, Class AB
P3dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
1805
7.3-j16.9
9.0-j11.7
18.65
44.30
26.92
63.8
13.1-j7.1
19.78
43.28
21.28
70.8
1843
6.6-j18.9
9.0-j11.7
19
43.98
25
62.0
11.5-j5.9
20
42.94
19.68
69.5
1880
8.3-j21.5
8.9-j11.9
19.26
43.89
24.5
61.7
11.1-j6.4
20.2
42.91
19.54
69.0
Peak Side Load Pull Performance – CW signal: VDD = 28 V, VGSPK = 1.4 V
P3dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
1805
13.5 – j0.7
5.1 – j9.2
14.94
47.00
50.12
64.4
10.0 – j8.3
15.52
45.58
36.14
71.6
1842
7.7 – j0.2
5.0 – j9.2
14.9
47.00
50.1
64.6
9.3 – j7.7
15.45
45.67
36.9
72.0
1880
4.8 – j0.2
4.6 – j9.35
14.72
47.00
50.1
63.3
8.1 – j7.2
15.37
45.74
37.5
71.6


Similar Part No. - PXAC180602MD_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2015-06-05
PXAC182002FC INFINEON-PXAC182002FC Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAC182002FCV1R0 INFINEON-PXAC182002FCV1R0 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC182002FCV1R0XTMA1 INFINEON-PXAC182002FCV1R0XTMA1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
More results

Similar Description - PXAC180602MD_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com