Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA042502EFC Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTVA042502EFC
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA042502EFC Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTVA042502EFC_15 Datasheet HTML 2Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 3Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 4Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 5Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 6Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 7Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 8Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 9Page - Infineon Technologies AG PTVA042502EFC_15 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet
8 of 10
Rev. 03, 2015-05-26
PTVA042502EC
PTVA042502FC
Package Outline Specifications
Package H-36248-4
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D1, D2 – drains; G1, G2 – gates; S – source.
5. Lead thickness: 0.10 + 0.076/–0.025 mm [0.004+0.003/–0.001 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].
H-36248-4_po_02.1_10-22-2013
CL
L
C
CL
19.81±0.20
[.780±0.008]
D1
D2
G1
G2
1.02
[.040]
34.04
[1.340]
SPH 1.57
[.062]
3.76±0.25
[.148±0.010]
FLANGE 9.78
[.385]
LID 9.40
[.370]
19.43±0.51
[.765±0.020]
4X 3.81
[.150]
2X 12.70
[.500]
2X 4.83±0.51
[.190±0.020]
4X R1.52
[R.060]
2X R1.63
[R.064]
S
27.94
[1.100]
2X 45° X 2.72
[45° X .107]
(8.89
[.350])
(5.08
[.200])


Similar Part No. - PTVA042502EFC_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA042502EFC INFINEON-PTVA042502EFC_16 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 250 W, 50 V, 470 ??806 MHz
Rev. 03.1, 2016-04-19
More results

Similar Description - PTVA042502EFC_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com