Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-550 Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # AN-550
Description  This application note provides recommendations
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

AN-550 Datasheet(HTML) 2 Page - Holt Integrated Circuits

  AN-550 Datasheet HTML 1Page - Holt Integrated Circuits AN-550 Datasheet HTML 2Page - Holt Integrated Circuits AN-550 Datasheet HTML 3Page - Holt Integrated Circuits AN-550 Datasheet HTML 4Page - Holt Integrated Circuits AN-550 Datasheet HTML 5Page - Holt Integrated Circuits AN-550 Datasheet HTML 6Page - Holt Integrated Circuits AN-550 Datasheet HTML 7Page - Holt Integrated Circuits AN-550 Datasheet HTML 8Page - Holt Integrated Circuits AN-550 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HOLT INTEGRATED CIRCUITS
2
AN-550
applications are transformer-coupled. Comprehensive
information on direct- and transformer-coupled terminals
is found in U. S. Dept. of Defense MIL-HDBK-1553A.
For clarity, Figure 1 shows just a single MIL-STD-1553
bus. Terminal isolation transformers and bus interconnect
circuitry are repeated for the redundant bus. Figure 1
shows separate blocks for "Protocol Logic" and "Bus
Transceiver" within the terminals. Sometimes the bus
transceiver is contained within the protocol device; the Holt
HI-6110 integrated message processor is an example.
as part of the terminal hardware. The turns
ratio for this transformer often differs for direct- and
transformer-coupled operation, as well as for different MIL-
STD-1553 transceiver part numbers and available power
supply voltage. Dual-ratio isolation transformers are
available from Holt to support either direct- or transformer-
coupled applications. Hardware designs are often
configurable within the terminal for either coupling type.
transformer-
coupled (long stub) terminals use an additional "coupling
transformer" and a pair of series "isolation resistors"
. In this case, the coupling
transformer and resistors are generally inside an off-the-
shelf "bus coupler" assembly.
In any digital circuit, resistive and inductive conductor
impedance causes voltage drops and resulting noise when
high currents are conveyed from point to point on the
board. Digital circuits clocked at high speed “gulp” current
from the power supply at the clock frequency. Fast rise/fall
times and distributed inductance contribute to common
mode (L di/dt) noise on power supply wiring. Usual
measures for noise control involve use of dedicated circuit
board ground and power planes, and distributed use of
decoupling capacitors to provide local, low impedance
“charge reservoirs” to satisfy each integrated circuit's brief,
increased demand for power supply current when clock
edges occur.
Similarly, MIL-STD-1553 bus transceivers require local
decoupling capacitors to satisfy current demand when
transmitting. Transceivers work best when planar
conductors are used for both power and ground. A
monolithic ceramic capacitor (100nF) should be
connected from each transceiver VDD pin to ground, using
short, direct connections. Any terminal that transmits also
requires a low ESR bulk storage capacitor for each
transceiver VDD pin. A 22uF tantalum chip capacitor
should be sufficient. If the application guarantees that
concurrent transmission will not occur on both buses (a
safe assumption in most MIL-STD-1553 designs) a single
tantalum capacitor can serve the needs of both
transmitters on a dual transceiver IC by bridging the
device's VDD power pins together where the tantalum
capacitor is connected. Each IC VDD pin should retain its
own ceramic capacitor nearby.
As a precautionary measure to avoid crosstalk, avoid
routing digital signals parallel to the MIL-STD-1553 bus
analog board conductors, or on other layers in close
proximity to the analog bus conductors.
Crosstalk can
couple digital noise onto the 1553 receiver circuit, reducing
noise rejection performance.
The bus isolation transformer (and isolation resistors, if a
direct-coupled terminal) should be placed close to the
board's bus interface boundary, where the bus enters the
circuit board. In addition, the transceiver should be located
as physically close as possible to the isolation transformer.
Close physical proximity reduces crosstalk and minimizes
conductor voltage drops when transmitting, caused by
wiring inductance. Because transceiver transmit currents
can exceed 500mA, it is recommended to use minimum
conductor trace widths of 0.04” (2.5mm) and use short,
direct paths for transformer signal and center tap
conductors.
When transmitting, the transformer center tap (on the
transceiver IC side) conducts the large ground return
currents, not the transceiver IC’s ground pin. Thus the
ground conductor width for the center tap should at least
match the analog drive conductor width, but ground plane
can also be used for returning center tap currents to
transceiver ground pin and power supply ground.
Bus side conductors from the transformer usually connect
to 78 ohm twisted pair shielded cable. The decision of
whether to isolate or make connections between the bus-
side winding center tap, chassis ground and bus cable
shielding should be made on a system basis after careful
consideration of ESD, lightning and EMI concerns. In most
cases, the bus side center tap is not connected for MIL-
STD-1553 terminal applications.
While ground and power planes are recommended for the
terminal's digital circuitry, it is important to avoid ground
and power planes underneath the analog bus signal traces
and under the bus isolation transformer. This is essential
for meeting the MIL-STD-1553B requirement for input
impedance. A ground or power plane under analog bus
circuitry reduces input impedance at bus signaling
frequencies.
MIL-STD-1553B requires 1000 ohm minimum input
impedance for transformer-coupled terminals, and 2000
ohm minimum input impedance for direct-coupled
Both
configurations
require
a n
" isolation
transformer"
Direct-coupled (short stub) terminals use a pair of isolation
resistors within the terminal itself. In contrast,
at the
physical connection where the terminal's stub cable meets
the MIL-STD-1553 bus cabling
Decoupling Capacitors
Circuit Board Layout
Ground and Power Planes


Similar Part No. - AN-550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
AN-550 EXAR-AN-550 Datasheet
47Kb / 5P
   ST16C450/550 APPLICATION EXAMPLE
More results

Similar Description - AN-550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3271 STMICROELECTRONICS-AN3271 Datasheet
1Mb / 29P
   This application note provides
AN1322 STMICROELECTRONICS-AN1322 Datasheet
121Kb / 9P
   This application note provides information
AN1131 STMICROELECTRONICS-AN1131 Datasheet
215Kb / 17P
   This application note provides information
AN2366 STMICROELECTRONICS-AN2366 Datasheet
101Kb / 8P
   This application note provides information
AN2794 STMICROELECTRONICS-AN2794 Datasheet
3Mb / 39P
   This application note provides design guidelines
AN4503 STMICROELECTRONICS-AN4503 Datasheet
334Kb / 26P
   This application note provides guidelines for successfully integrating
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
   This application note describes
AN1325 STMICROELECTRONICS-AN1325 Datasheet
233Kb / 15P
   This application note describes
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
   This application note describes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com