Electronic Components Datasheet Search |
|
SPS-9110V-1RG Datasheet(PDF) 2 Page - Optoway Technology Inc |
|
SPS-9110V-1RG Datasheet(HTML) 2 Page - Optoway Technology Inc |
2 / 5 page Optoway SPS-9110V-1RG *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2008 V1.0 2 ABSOLUTE MAXIMUM RATINGS Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Absolute Maximum Ratings Parameter Symbol Min Max Units Notes Storage Temperature Tstg -40 85 oC Operating Case Temperature Tc -20 85 oC Power Supply Voltage Vcc 0 4 V ESD Tolerance on all pins 1 KV HBM Relative Humidity --- 5 95 % RH non-condensing Recommended Operating Conditions Parameter Symbol Min Typ Max Units / Notes Power Supply Voltage Vcc 3.13 3.3 3.47 V Operating Case Temperature Tc 0 70 oC Baud Rate 50 3000 Mb/s Power Supply Current Icc 120 160 mA Receiver Specifications (0 oC < Tc < 70oC, 3.13V < Vcc < 3.47V) Parameter Symbol Min Typ Max Units Notes Optical Wavelength of Operation 1260 --- 1620 nm 0 --- -18 dBm Pathological Sensitivity for SMPTE 424M 2.97 Gb/s Sen 0 -20 dBm PRBS 2 23-1, BER=1E-12 0 --- -20 dBm Pathological Sensitivity for SMPTE 292M 1.485 Gb/s Sen 0 -21 dBm PRBS 2 23-1, BER=1E-12 Signal Detect -- Asserted Pa --- --- -20 dBm Transition: low to high Signal Detect -- Deasserted Pd -29 --- --- dBm Transition: high to low Signal detect -- Hysteresis 1 6 dB Optical Return Loss -27 dB Electrical CML Output (Differential) 550 660 850 mVp-p AC coupled output 135 ps 1, SMPTE 424M 270 ps 1, SMPTE 292M 800 ps 1, SMPTE 344M Optical Rise Time / Fall Time tr / tf 1.5 ns 1, SMPTE 259M Output LOS Voltage -- Low VOL 0 0.5 V IOL=-1.6mA, 1 TTL unit load Output LOS Voltage -- High VOH 2.5 Vcc+0.3 V IOH=40 µA, 1 TTL unit load VOH 2.5 Vcc+0.3 V SCL, SDA VOL 0 0.5 V 1. 20% to 80%, unfiltered. MODULE DEFINITION Module Definition PIN 5 PIN 6 Interpretation by Host 4 SCL SDA Serial module definition protocol Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector (NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components. |
Similar Part No. - SPS-9110V-1RG_15 |
|
Similar Description - SPS-9110V-1RG_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |