Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPG20N10S4-36A Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPG20N10S4-36A
Description  Dual N-channel Normal Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPG20N10S4-36A Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPG20N10S4-36A Datasheet HTML 1Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 2Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 3Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 4Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 5Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 6Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 7Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 8Page - Infineon Technologies AG IPG20N10S4-36A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPG20N10S4-36A
13 Avalanche energy
5)
14 Drain-source breakdown voltage
E AS=f(T j), I D=10A
V BR(DSS)=f(T j); I D=1mA
15 Typ. gate charge
5)
16 Gate charge waveforms
V GS=f(Q gate); I D=20A pulsed
parameter: V DD
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
90
95
100
105
110
115
-60
-20
20
60
100
140
180
T
j [°C]
20V
80 V
0
2
4
6
8
10
12
0
2
4
6
8
10
Q
gate [nC]
0
10
20
30
40
50
60
25
50
75
100
125
150
175
T
j [°C]
Rev. 1.1
page 7
2015-04-13


Similar Part No. - IPG20N10S4-36A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N10S4L-22 INFINEON-IPG20N10S4L-22 Datasheet
191Kb / 9P
   OptiMOS??T2 Power-Transistor
Rev. 1.1 2013-01-30
IPG20N10S4L-22A INFINEON-IPG20N10S4L-22A Datasheet
212Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-03-04
IPG20N10S4L-35 INFINEON-IPG20N10S4L-35 Datasheet
148Kb / 9P
   OptiMOS??T2 Power-Transistor
Rev. 1.1 2012-05-15
IPG20N10S4L-35A INFINEON-IPG20N10S4L-35A Datasheet
200Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-03-04
More results

Similar Description - IPG20N10S4-36A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N06S4-15A INFINEON-IPG20N06S4-15A_15 Datasheet
278Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2015-09-17
IPG16N10S4-61A INFINEON-IPG16N10S4-61A Datasheet
201Kb / 9P
   Dual N-channel Normal Level - Enhancement mode
Rev. 1.0 2013-03-04
IPZ40N04S5-3R1 INFINEON-IPZ40N04S5-3R1_15 Datasheet
316Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPZ40N04S5-5R4 INFINEON-IPZ40N04S5-5R4_15 Datasheet
323Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPD90N10S4-06 INFINEON-IPD90N10S4-06 Datasheet
266Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPB120N10S4-03 INFINEON-IPB120N10S4-03 Datasheet
358Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPD60N10S4-12 INFINEON-IPD60N10S4-12 Datasheet
291Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
IPZ40N04S5-8R4 INFINEON-IPZ40N04S5-8R4_15 Datasheet
328Kb / 9P
   N-channel - Enhancement mode - Normal Level
Rev. 1.0 2015-05-06
IPB120N10S4-05 INFINEON-IPB120N10S4-05 Datasheet
392Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev.1.0 2014-07-01
IPB180N10S4-03 INFINEON-IPB180N10S4-03 Datasheet
262Kb / 9P
   N-channel - Normal Level - Enhancement mode
Rev. 1.0 2014-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com