Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59604IRZ-T7A Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL59604IRZ-T7A
Description  MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59604IRZ-T7A Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59604IRZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL59604IRZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) and MegaQ are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
MegaQ™: An Automatic Composite Video Equalizer,
Fully-Adaptive to 1 Mile (1600m)
ISL59601, ISL59602, ISL59603, ISL59604, ISL59605
The ISL59601, ISL59602, ISL59603, ISL59604, and
ISL59605 (the “MegaQ™” product family) are single-channel
adaptive equalizers designed to automatically compensate for
long runs of Cat 5/6 or RG-59 cable, producing high quality
video output with no user interaction. The ISL59601 equalizes
Cat 5/6 up to a distance of 1000 feet (300 meters), while the
ISL59605 equalizes up to 5300 feet (1600 meters).
MegaQ™ compensates for high frequency cable losses of up to
60dB (ISL59605) at 5MHz as well as source amplitude
variations up to ±3dB.
The ISL59601, ISL59602, ISL59603, ISL59604, and
ISL59605 operate from a single +5V supply. Inputs are
AC-coupled and internally DC-restored. The output can drive
2VP-P into two source-terminated 75Ω loads (AC-coupled or
DC-coupled).
Related Literature
• AN1780 “ISL59605-Catx-EVZ Evaluation Board Operation”
(Stand-Alone Evaluation Board)
• AN1776 “ISL59603-Coax-EVZ Evaluation Board Operation”
(Stand-Alone Evaluation Board)
• AN1775 “ISL59605-SPI-EVALZ Evaluation Board (with Serial
Interface) Operation” (Evaluation Board with USB Serial
Interface)
Features
• ISL59605 Equalizes Up to 1 Mile (1600m) of Cat 5/6 and Up
to 6000 Feet (1800m) of RG-59
• Fully Automatic, Stand-Alone Operation - No User
Adjustment Required
• ±8kV ESD Protection on All Inputs
• Automatic Cable Type Compensation
• Compatible with Color or Monochrome, NTSC or PAL Signals
• Automatic Polarity Detection and Inversion
• Compensates for ±3dB Source Variation (in Addition to
Cable Losses)
• Optional Serial Interface Adds Additional Functionality
• 5MHz -3dB Bandwidth
• Works with Single-Ended or Differential Inputs
• Output Drives Up to Two 150Ω Video Loads
Applications
• Surveillance Video
•Video Distribution
Typical Application
IN-
GND
IN+
OUT
CFB
ISL59601
ISL59602
ISL59603
ISL59604
ISL59605
1.0µF
50
1k
1.0µF
50
PASSIVE
BALUN
NTSC, PAL, OR
MONOCHROME CAMERA/
VIDEO SOURCE
75.0
0.047µF
300
1500pF
UP TO 1 MILE OF
CAT-5/6 CABLE
Application Circuit for Cat x Cable
TV/DVR
IN-
GND
IN+
OUT
CFB
ISL59601
ISL59602
ISL59603
ISL59604
ISL59605
75.0
0.047µF
300
TV/DVR
1500 pF
Application Circuit for Coaxial Cable
0 TO 6000 FEET OVER RG-59
COPPER-CORE COAXIAL CABLE
NTSC, PAL, OR
MONOCHROME CAMERA /
VIDEO SOURCE
1.0µF
37.5
1k
1.0µF
37.5
0.1µF
VCC
0.1µF
10k
September 5, 2012
FN6739.2


Similar Part No. - ISL59604IRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59604IRZ-T7A INTERSIL-ISL59604IRZ-T7A Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59604IRZ-T7A RENESAS-ISL59604IRZ-T7A Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
More results

Similar Description - ISL59604IRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Maxim Integrated Produc...
MAX7474 MAXIM-MAX7474 Datasheet
291Kb / 10P
   Adaptive Equalizer for Video Over Twisted Pair
Rev 0; 1/08
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com