Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1EDI20N12AF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 1EDI20N12AF
Description  Single Channel MOSFET and GaN HEMT Gate Driver IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI20N12AF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 1EDI20N12AF Datasheet HTML 5Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 6Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 7Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 8Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 9Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 10Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 11Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 12Page - Infineon Technologies AG 1EDI20N12AF Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
1EDI EiceDRIVER™ Compact
1EDI20N12AF
Block Diagram
Data Sheet
9
Rev. 2.0, 2015-06-01
2
Block Diagram
Figure 2
Block Diagram 1EDI20N12AF
IN+
IN-
GND1
VCC1
2
3
4
1
6
7
5
8
VCC2
OUT-
OUT+
GND2
input
filter
TX
UVLO
&
active
filter
input
filter
GND1
VCC1
UVLO
RX
&
Shoot
through
protection
VCC2


Similar Part No. - 1EDI20N12AF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI2001AS INFINEON-1EDI2001AS Datasheet
4Mb / 135P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2001AS INFINEON-1EDI2001AS_15 Datasheet
4Mb / 135P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2002AS INFINEON-1EDI2002AS Datasheet
4Mb / 147P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2002ASXUMA2 INFINEON-1EDI2002ASXUMA2 Datasheet
4Mb / 147P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2002AS INFINEON-1EDI2002AS_15 Datasheet
4Mb / 147P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
More results

Similar Description - 1EDI20N12AF

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UNG6505N170-PD68 UNSEMI-UNG6505N170-PD68 Datasheet
4Mb / 12P
   GaN HEMT integrated Gate Driver
Revision March 1,2022
logo
Infineon Technologies A...
1EDI60IN12AF INFINEON-1EDI60IN12AF_15 Datasheet
1Mb / 22P
   Single Channel MOSFET Gate Driver IC
Rev. 2.0, 2015-06-01
1ED44171N01B INFINEON-1ED44171N01B Datasheet
1Mb / 18P
   Single-channel low-side gate driver IC
V 1.1 2022-02-02
logo
uPI Group Inc.
UP1964 UPI-UP1964 Datasheet
608Kb / 11P
   Single-Channel Gate Driver for Enhancement Mode GaN Transistors
logo
DinTek Semiconductor Co...
DTQ35N65GN DINTEK-DTQ35N65GN Datasheet
2Mb / 15P
   450mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ75N65GN DINTEK-DTQ75N65GN Datasheet
1Mb / 15P
   180mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ13N65GN DINTEK-DTQ13N65GN Datasheet
3Mb / 15P
   90mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ45N65GN DINTEK-DTQ45N65GN Datasheet
2Mb / 15P
   360mΩ, 650V GaN HEMT With Integrated Driver and Protection
logo
Infineon Technologies A...
1ED44173N01B INFINEON-1ED44173N01B Datasheet
1Mb / 20P
   Single-channel low-side MOSFET gate driver IC with fast OCP
Datasheet 1.0 2020-04-01
EVAL-1ED3491MX12M INFINEON-EVAL-1ED3491MX12M Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com