Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL26104AV28EV1Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL26104AV28EV1Z
Description  Low-Noise 24-bit Delta Sigma ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26104AV28EV1Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL26104AV28EV1Z Datasheet HTML 1Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 2Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 3Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 4Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 5Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 6Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 7Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 8Page - Intersil Corporation ISL26104AV28EV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL26102, ISL26104
2
FN7608.0
October 12, 2012
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
DESCRIPTION
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL26102AVZ
26102 AVZ
2 Channel ADC
-40 to +105
24 Ld TSSOP
M24.173
ISL26104AVZ
26104 AVZ
4 Channel ADC
-40 to +105
28 Ld TSSOP
M28.173
ISL26104AV28EV1Z Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pbfree products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL26102, ISL26104. For more information on MSL please see techbrief
TB363.
Pin Configurations
ISL26102
(24 LD TSSOP)
TOP VIEW
ISL26104
(28 LD TSSOP)
TOP VIEW
SDI
SDO/RDY
SCLK
DVDD
AVDD
DGND
AGND
AIN1+
AIN1-
AIN2+
AIN2-
XTALIN/CLOCK
VREF-
XTALOUT
DGND
CAP
CAP
DGND
VREF+
PDWN
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ISL26102
DVDD
DGND
CS
LSPS
CS
SDI
SDO/RDY
SCLK
DVDD
AVDD
DGND
AGND
AIN1+
AIN1-
AIN2+
AIN2-
XTALIN/CLOCK
VREF-
XTALOUT
DGND
CAP
CAP
DGND
VREF+
LSPS
PDWN
1
2
3
4
5
6
7
8
9
10
11
12
28
27
26
25
24
23
22
21
20
19
18
17
ISL26104
AIN3+
AIN3-
AIN4+
AIN4-
13
14
16
15
DVDD
DGND


Similar Part No. - ISL26104AV28EV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26104AV28EV1Z RENESAS-ISL26104AV28EV1Z Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
More results

Similar Description - ISL26104AV28EV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
ISL26132 INTERSIL-ISL26132 Datasheet
975Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com