Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5245-2.85BM5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5245-2.85BM5
Description  150mA 關Cap CMOS LDO Regulator Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5245-2.85BM5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5245-2.85BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 11Page - Micrel Semiconductor MIC5245-2.85BM5 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC5245
Micrel
June 2000
9
MIC5245
effects on voltage regulators, refer to the Regulator Thermals
section of Micrel’s
Designing with Low-Dropout Voltage Regu-
lators handbook.
Fixed Regulator Applications
15
2
3
4
1µF
0.01µF
VOUT
MIC5245-x.xBM5
VIN
Figure 1. Ultra-Low-Noise Fixed Voltage Application
Figure 1 includes a 0.01
µF capacitor for low-noise operation
and shows EN (pin 3) connected to IN (pin 1) for an applica-
tion where enable/shutdown is not required. C
OUT = 1µF
minimum.
15
2
34
1.0µF
Enable
Shutdown
EN
VOUT
MIC5245-x.xBM5
VIN
Figure 2. Low-Noise Fixed Voltage Application
Figure 2 is an example of a low-noise configuration where
C
BYP is not required. COUT = 1µF minimum.
Dual-Supply Operation
When used in dual supply systems where the regulator load
is returned to a negative supply, the output voltage must be
diode clamped to ground.


Similar Part No. - MIC5245-2.85BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245-2.85BM5 MICREL-MIC5245-2.85BM5 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results

Similar Description - MIC5245-2.85BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com