Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5219-2.8BM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5219-2.8BM5
Description  500mA-Peak Output LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219-2.8BM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5219-2.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC5219
Micrel
MIC5219
6
July 2000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
012
345
67
89
INPUT VOLTAGE (V)
Dropout Characteristics
I
L
=100
µA
I
L
=100mA
I
L
=500mA
0
2
4
6
8
10
12
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2468
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
L
=100 mA
I
L
=100
µA
0
5
10
15
20
25
012
345
67
89
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
L
=500mA


Similar Part No. - MIC5219-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219-2.8BM5 MICREL-MIC5219-2.8BM5 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5219-2.8BM5 MICREL-MIC5219-2.8BM5 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5219-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com