Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22316UFU10Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL22316UFU10Z
Description  Low Noise, Low Power I2C??Bus,128 Taps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22316UFU10Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL22316UFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 9Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 10Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 11Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 12Page - Intersil Corporation ISL22316UFU10Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6186.3
August 14, 2015
FIGURE 9. END-TO-END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (2.6MHz)
FIGURE 13. MIDSCALE GLITCH, CODE 3Fh TO 40h
FIGURE 14. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
50k
10k
VCC = 5.5V
VCC = 2.7V
0
15
30
45
60
75
90
105
16
36
56
76
96
TAP POSITION (DECIMAL)
50k
10k
0
50
100
150
200
250
300
16
36
56
76
96
TAP POSITION (DECIMAL)
50k
10k
OUTPUT
INPUT
WIPER AT MID POINT (POSITION 40h)
RTOTAL = 9.5k
SIGNAL AT WIPER
(WIPER UNLOADED)
WIPER MID POINT MOVEMENT
FROM 3Fh TO 40h
SIGNAL AT WIPER
(WIPER UNLOADED MOVEMENT
FROM 7Fh TO 00h)
SCL
ISL22316


Similar Part No. - ISL22316UFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22316UFU10Z RENESAS-ISL22316UFU10Z Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

Similar Description - ISL22316UFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com