Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5231-3.3BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5231-3.3BM5
Description  Micropower 關Cap LDO Regulator Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5231-3.3BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5231-3.3BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5231-3.3BM5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2000
1
MIC5231
MIC5231
Micrel
General Description
The MIC5231
µCap low-dropout voltage regulator is intended
for low-output-current biasing applications. It features ex-
tremely low ground current, not greater than 4
µA under all
load and temperature conditions, making it efficient and ideal
for keep-alive applications in devices such as notebook
computers.
The MIC5231 offers better than 2% initial accuracy and low
dropout (typically 150mV at 10mA output current). An output
capacitor is not required for stable operation, decreasing cost
and board space. Tiny ceramic chip capacitors may be used
to improve transient response.
The MIC5231 also features a control pin which allows the
regulator to be shut down when not required. Its shutdown-
state draws zero current, benefitting battery-powered appli-
cations.
The MIC5231 is available in fixed output voltages of 2.75V,
3.0V, 3.3V and 5V in the small SOT-23-5 IttyBitty™ package.
Contact Micrel for other voltage options.
MICREL INC. 1849 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL + 1 (408) 944-0800 FAX + 1 (408) 944-0970
Typical Application
IN
EN
OUT
MIC5231-5.0BM5
GND
VIN
6V
VOUT
5V
5V Linear Regulator Application
Ordering Information
Part Number
Marking
Voltage
Temperature Range
Package
MIC5231-2.75BM5
LM2H
2.75V
–40
°C to +125°C
SOT-23-5
MIC5231-3.0BM5
LM30
3.0V
–40
°C to +125°C
SOT-23-5
MIC5231-3.3BM5
LM33
3.3V
–40
°C to +125°C
SOT-23-5
MIC5231-5.0BM5
LM50
5.0V
–40
°C to +125°C
SOT-23-5
Features
• Extremely low quiescent current—
only 0.65
µA
• No output capacitor requirement
• Stable with ceramic or tantalum capacitors
• IttyBitty™ SOT-23-5 surface-mount package
• 10mA output drive
• Low 150mV at 10mA dropout voltage
• Tight load and line regulation
• Low temperature coefficient
• Logic-level enable input
Applications
• Real time clocks
• SRAM backup
• Cellular telephones
• Laptop, notebook and palmtop computers
• Battery-powered equipment
• Bar code scanners
• SMPS post-regulator and dc-to-dc modules
MIC5231
Micropower
µCap LDO Regulator
Preliminary Information
IttyBitty is a trademark of Micrel, Inc.


Similar Part No. - MIC5231-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231-3.3BM5 MICREL-MIC5231-3.3BM5 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
More results

Similar Description - MIC5231-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com