Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5208-3.3BMM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5208-3.3BMM
Description  Dual 50mA LDO Voltage Regulator Preliminary Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5208-3.3BMM Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5208-3.3BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5208-3.3BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5208-3.3BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5208-3.3BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5208-3.3BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5208-3.3BMM Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1997
3-173
MIC5208
Micrel
3
No-Load Stability
The MIC5208 will remain stable and in regulation with no load
(other than the internal voltage divider) unlike many other
voltage regulators. This is especially important in CMOS RAM
keep-alive applications.
Thermal Shutdown
Thermal shutdown is independent on both halves of the dual
MIC5208, however, an overtemperature condition in one half
may affect the other half because of proximity.
Thermal Considerations
Multilayer boards having a ground plane, wide traces near the
pads, and large supply bus lines provide better thermal
conductivity.
The MIC5208-xxBMM (8-lead MSOP) has a thermal resis-
tance of 200
°C/W when mounted on a FR4 board with
minimum trace widths and no ground plane.
PC Board
θ
JA
Dielectric
FR4
200
°C
MSOP Thermal Characteristics
For additional heat sink characteristics, please refer to Micrel
Application Hint 17, “Calculating P.C. Board Heat Sink Area
For Surface Mount Packages”.
Applications Information
Supply/Ground
Both MIC5208 GND pins must be connected to the same
ground potential. INA and INB can each be connected to a
different supply.
Enable/Shutdown
ENA (enable/shutdown) and ENB may be enabled sepa-
rately. Forcing ENA/B high (> 2V) enables the associated
regulator. ENA/B requires a small amount of current, typically
15
µA. While the logic threshold is TTL/CMOS compatible,
ENA/B may be forced as high as 20V, independent of V
IN.
Input Capacitor
A 0.1
µF capacitor should be placed from IN to GND if there is
more than 10 inches of wire between the input and the ac filter
capacitor or if a battery is used as the input.
Output Capacitor
An output capacitor is required between OUT and GND to
prevent oscillation. Larger values improve the regulator’s
transient response. The output capacitor value may be in-
creased without limit.
The output capacitor should have an ESR (effective series
resistance) of about 5
Ω or less and a resonant frequency
above 500kHz. Most tantalum or aluminum electrolytic ca-
pacitors are adequate; film types will work, but are more
expensive. Since many aluminum electrolytics have electro-
lytes that freeze at about –30
°C, solid tantalums are recom-
mended for operation below –25
°C.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.22
µF for current below 10mA or 0.1µF for currents below
1mA.


Similar Part No. - MIC5208-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5208-3.3BMM MICREL-MIC5208-3.3BMM Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
More results

Similar Description - MIC5208-3.3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208_02 Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
   Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com