Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5200-5.0BS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5200-5.0BS
Description  100mA Low-Dropout Voltage Regulator Preliminary Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5200-5.0BS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5200-5.0BS Datasheet HTML 1Page - Micrel Semiconductor MIC5200-5.0BS Datasheet HTML 2Page - Micrel Semiconductor MIC5200-5.0BS Datasheet HTML 3Page - Micrel Semiconductor MIC5200-5.0BS Datasheet HTML 4Page - Micrel Semiconductor MIC5200-5.0BS Datasheet HTML 5Page - Micrel Semiconductor MIC5200-5.0BS Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MIC5200
Micrel
3-127
July 1998
3
0
50
100
150
200
250
300
12
345
67
INPUT VOLTAGE (V)
Short Circuit Current
vs. Input Voltage
C
IN = 2.2µF
C
OUT = 4.7µF
V
OUT = 3.3V
-30
-20
-10
0
10
20
0
100
200
300
-2
02
46
8
10
TIME (ms)
Load Transient
C
L = 4.7µF
0
100
200
300
-10
0
10203040
TIME (ms)
Load Transient
-30
-20
-10
0
10
20
C
L = 47µF
0
20
40
60
80
100
120
01
23
456
78
9 10
SUPPLY VOLTAGE (V)
Supply Current vs. Supply
Voltage (3.3V Version)
R
L = 33Ω
-10
-5
0
5
10
2
4
6
8
-0.2
0
0.2
0.4
0.6
0.8
TIME (ms)
Line Transient
C
L = 1 µF
I
L = 1mA
-5
0
5
10
15
2
4
6
8
-0.1
0
0.1 0.2 0.3 0.4 0.5 0.6
TIME (ms)
Line Transient
C
L = 10 µF
I
L = 1mA
0
10
20
30
40
50
60
01234567
SUPPLY VOLTAGE (V)
Supply Current vs. Supply
Voltage (3.3V Version)
R
L = 66Ω
-1
0
1
2
3
4
5
-2
0
2
4
-50
0
50 100 150 200 250 300
TIME (
µs)
Enable Transient
(3.3V Version)
C
L = 4.7 µF
I
L = 1mA
-1
0
1
2
3
4
5
-2
0
2
4
-50
0
50 100 150 200 250 300
TIME (
µs)
Enable Transient
(3.3V Version)
C
L = 4.7 µF
I
L = 100mA
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Output Impedance
I
L = 100µA
I
L = 1mA
I
L = 100mA
-5
0
5
10
15
20
25
30
35
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Enable Current Threshold
vs. Temperature
C
IN = 2.2µF
C
OUT = 4.7µF
V
EN = 2V
V
EN = 5V
0.4
0.6
0.8
1
1.2
1.4
1.6
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Enable Voltage Threshold
vs. Temperature
C
IN = 2.2µF
C
OUT = 4.7µF
OFF
ON


Similar Part No. - MIC5200-5.0BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200-5.0BS MICREL-MIC5200-5.0BS Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
More results

Similar Description - MIC5200-5.0BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
   Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
   1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com