Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU75170S Datasheet(PDF) 2 Page - Ruichips Semiconductor Co., Ltd

Part # RU75170S
Description  N-Channel Advanced Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU75170S Datasheet(HTML) 2 Page - Ruichips Semiconductor Co., Ltd

  RU75170S Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd RU75170S Datasheet HTML 9Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 Ruichips Semiconductor Co., Ltd
Rev. A– DEC., 2012
2
www.ruichips.com
RU75170S
Electrical Characteristics (T
C=25°C Unless Otherwise Noted)
Symbol
Parameter
Test Condition
RU75170S
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250µA
75
V
IDSS
Zero Gate Voltage Drain Current
VDS= 75V, VGS=0V
1
µA
TJ=85°C
30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250µA
2
3
4
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
±100
nA
RDS(ON)
Drain-Source On-state Resistance
VGS= 10V, IDS=75A
5
6
m
Notes:
①Calculated continuous current based on maximum allowable junction temperature. Package limitation
current is 75A.
②Pulse width limited by safe operating area.
③Limited by TJmax, IAS =56A, VDD = 48V, RG = 50Ω , Starting TJ = 25°C.
④Pulse test ; Pulse width
≤300µs, duty cycle≤2%.
⑤Guaranteed by design, not subject to production testing.
Diode Characteristics
VSD
Diode Forward Voltage
ISD=75A, VGS=0V
1.2
V
trr
Reverse Recovery Time
ISD=75A, dlSD/dt=100A/
µs
42
ns
Qrr
Reverse Recovery Charge
64
nC
Dynamic Characteristics
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
1.4
Ciss
Input Capacitance
VGS=0V,
VDS=37.5V,
Frequency=1.0MHz
7200
pF
Coss
Output Capacitance
700
Crss
Reverse Transfer Capacitance
460
td(ON)
Turn-on Delay Time
VDD=37.5V, RL=0.5
Ω,
IDS=75A, VGEN= 10V,
RG=3.75
26
ns
tr
Turn-on Rise Time
96
td(OFF)
Turn-off Delay Time
72
tf
Turn-off Fall Time
66
Gate Charge Characteristics
Qg
Total Gate Charge
VDS=60V, VGS= 10V,
IDS=75A
145
nC
Qgs
Gate-Source Charge
42
Qgd
Gate-Drain Charge
54


Similar Part No. - RU75170S

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU75170R RUICHIPS-RU75170R Datasheet
294Kb / 9P
   N-Channel Advanced Power MOSFET
More results

Similar Description - RU75170S

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
   N-Channel Advanced Power MOSFET
RU1Z120R RUICHIPS-RU1Z120R Datasheet
453Kb / 8P
   N-Channel Advanced Power MOSFET
RU6H2L RUICHIPS-RU6H2L Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU40120M RUICHIPS-RU40120M Datasheet
309Kb / 8P
   N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
   N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
   N-Channel Advanced Power MOSFET
RU6H10R RUICHIPS-RU6H10R Datasheet
450Kb / 11P
   N-Channel Advanced Power MOSFET
RU30D8H RUICHIPS-RU30D8H Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
RU40E25L RUICHIPS-RU40E25L Datasheet
281Kb / 9P
   N-Channel Advanced Power MOSFET
RU4099R RUICHIPS-RU4099R Datasheet
466Kb / 12P
   N-Channel Advanced Power MOSFET
RU6050R RUICHIPS-RU6050R Datasheet
292Kb / 9P
   N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com