Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5208 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5208
Description  Dual 50mA LDO Voltage Regulator Preliminary Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5208 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5208 Datasheet HTML 1Page - Micrel Semiconductor MIC5208 Datasheet HTML 2Page - Micrel Semiconductor MIC5208 Datasheet HTML 3Page - Micrel Semiconductor MIC5208 Datasheet HTML 4Page - Micrel Semiconductor MIC5208 Datasheet HTML 5Page - Micrel Semiconductor MIC5208 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-168
1997
MIC5208
Micrel
MIC5208
Dual 50mA LDO Voltage Regulator
Preliminary Information
General Description
The MIC5208 is a dual linear voltage regulator with very low
dropout voltage (typically 20mV at light loads and 250mV at
50mA), very low ground current (225
µA at 10mA output), and
better than 3% initial accuracy. It also features individual
logic-compatible enable/shutdown control inputs.
Designed especially for hand-held battery powered devices,
the MIC5208 can be switched by a CMOS or TTL compatible
logic signal, or the enable pin can be connected to the supply
input for 3-terminal operation. When disabled, power con-
sumption drops nearly to zero. Dropout ground current is
minimized to prolong battery life.
Key features include current limiting, overtemperature shut-
down, and protection against reversed battery.
The MIC5208 is available in 3.0V, 3.3V, 3.6V, 4.0V and 5.0V
fixed voltage configurations. Other voltages are available;
contact Micrel for details.
Features
• Micrel Mini 8™ MSOP package
• Guaranteed 50mA output
• Low quiescent current
• Low dropout voltage
• Wide selection of output voltages
• Tight load and line regulation
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• Zero off-mode current
• Logic-controlled electronic enable
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery powered equipment
• Bar code scanners
• SMPS post regulator/dc-to-dc modules
• High-efficiency linear power supplies
1
2
3
4
8
7
6
5
Output A
MIC5208
1µF
Enable may be connected to VIN
Enable A
Enable B
1µF
Output B
Typical Application
Ordering Information
Part Number
Voltage
Accuracy
Junction Temp. Range*
Package
MIC5208-3.0BMM
3.0
3%
–40
°C to +125°C
8-lead MSOP
MIC5208-3.3BMM
3.3
3%
–40
°C to +125°C
8-lead MSOP
MIC5208-3.6BMM
3.6
3%
–40
°C to +125°C
8-lead MSOP
MIC5208-4.0BMM
4.0
3%
–40
°C to +125°C
8-lead MSOP
MIC5208-5.0BMM
5.0
3%
–40
°C to +125°C
8-lead MSOP
Other voltages available. Contact Micrel for details.


Similar Part No. - MIC5208

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5208-3.0BMM MICREL-MIC5208-3.0BMM Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
MIC5208-3.3BMM MICREL-MIC5208-3.3BMM Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
MIC5208-3.6BMM MICREL-MIC5208-3.6BMM Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
MIC5208-4.0BMM MICREL-MIC5208-4.0BMM Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
MIC5208-5.0BMM MICREL-MIC5208-5.0BMM Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
More results

Similar Description - MIC5208

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208_02 Datasheet
54Kb / 8P
   Dual 50mA LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
   Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com