Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5207BM5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5207BM5
Description  180mA Low-Noise LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207BM5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5207BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 11Page - Micrel Semiconductor MIC5207BM5 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC5207
Micrel
January 2000
9
MIC5207
Package Information
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
3.02 (0.119)
2.80 (0.110)
10
°
0
°
3.00 (0.118)
2.60 (0.102)
1.75 (0.069)
1.50 (0.059)
0.95 (0.037) REF
1.30 (0.051)
0.90 (0.035)
0.15 (0.006)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.50 (0.020)
0.35 (0.014)
1.90 (0.075) REF
SOT-23-5 (M5)
3
2
1
10
° typ.
5
° typ.
5
° typ.
0.185 (4.699)
0.175 (4.445)
0.185 (4.699)
0.175 (4.445)
0.085 (2.159) Diam.
0.500 (12.70) Min.
0.090 (2.286) typ.
0.0155 (0.3937)
0.0145 (0.3683)
Seating Plane
0.025 (0.635) Max
Uncontrolled
Lead Diameter
0.016 (0.406)
0.014 (0.356)
0.105 (2.667)
0.095 (2.413)
0.055 (1.397)
0.045 (1.143)
0.090 (2.286) Radius, typ.
0.145 (3.683)
0.135 (3.429)
0.055 (1.397)
0.045 (1.143)
BOTTOM VIEW
TO-92 (Z)


Similar Part No. - MIC5207BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207BM5 MICREL-MIC5207BM5 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
More results

Similar Description - MIC5207BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
   180mA Low Voltage CMOS LDO
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com