Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5201-5.0BM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5201-5.0BM
Description  200mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5201-5.0BM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5201-5.0BM Datasheet HTML 1Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 2Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 3Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 4Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 5Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 6Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 7Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 8Page - Micrel Semiconductor MIC5201-5.0BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 1998
3
MIC5201
MIC5201
Micrel
Electrical Characteristics
V
IN = VOUT + 1V; IL = 100µA; CL = 3.3µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
O
Output Voltage Accuracy
Variation from specified V
OUT
–1
1
%
–2
2
%
∆V
O/∆T
Output Voltage Temperature Coef.
Note 2
40
150
ppm/
°C
∆V
O/VO
Line Regulation, Fixed
V
IN = VOUT + 1V to 26V
0.004
0.20
%
0.40
%
∆V
O/VO
Line Regulation, Adjustable
V
IN = VOUT + 1V to 16V
0.004
0.20
%
0.40
%
∆V
O/VO
Load Regulation
I
L = 0.1mA to 200mA, Note 3
0.04
0.16
%
0.30
%
V
IN – VO
Dropout Voltage, Note 4
I
L = 100µA17
mV
I
L = 20mA
130
mV
I
L = 50mA
180
mV
I
L = 100mA
225
mV
I
L = 200mA
270
400
mV
I
GND
Quiescent Current
V
ENABLE ≤ 0.7V (shutdown)
0.01
µA
I
GND
Ground Pin Current
I
L = 100µA
130
µA
I
L = 20mA
270
400
µA
I
L = 50mA
500
µA
I
L = 100mA
1000
2000
µA
I
L = 200mA
3000
µA
PSRR
Ripple Rejection
75
dB
I
GNDDO
Ground Pin Current at Dropout
V
IN = 0.5V less than specified VOUT,
270
330
µA
I
L = 100µA, Note 5
I
LIMIT
Current Limit
V
OUT = 0V
280
500
mA
∆V
O/∆PD
Thermal Regulation
Note 6
0.05
%/W
e
n
Output Noise
100
µV
Enable Input
V
IL
Input Voltage Level
logic low (off)
0.7
V
V
IH
Input Voltage Level
logic high (on)
2.0
V
I
IL
Enable Input Current
V
IL ≤ 0.7V
0.01
1
µA
I
IH
Enable Input Current
V
IH ≤ 2.0V
15
50
µA
Reference (MIC5201 Adjustable Version Only)
V
REF
Reference Voltage
1.223
1.242
1.255
V
1.217
1.267
V
I
IL
Reference Voltage Temp. Coef.
20
ppm/
°C
General Note: Devices are ESD sensitive. Handling precautions recommended.
Note 1:
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside of its rated operating conditions. The maximum allowable power dissipation is a function of the maximum junction
temperature, T
J(max), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is calculated using: P
(max) = (TJ(max) –TA) ÷ θJA. Exceeding the maximum allowable power dissipation
will result in excessive die temperature, and the regulator will go into thermal shutdown. The
θ
JC of the MIC5201-x.xBS is 15°C/W and θJA for
the MIC5201BM is 160
°C/W mounted on a PC board (see “Thermal Considerations” section for further details).
Note 2:
Output voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
Note 3:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 200mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 4:
Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential.
Note 5:
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of
the load current plus the ground pin current.
Note 6:
Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 200mA load pulse at V
IN = 26V for fixed and VIN = 16V for adjustable at t = 10ms.


Similar Part No. - MIC5201-5.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201-5.0BM MICREL-MIC5201-5.0BM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-5.0BM MICREL-MIC5201-5.0BM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results

Similar Description - MIC5201-5.0BM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com