Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5200-5.0BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5200-5.0BM
Description  100mA Low-Dropout Voltage Regulator Preliminary Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5200-5.0BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5200-5.0BM Datasheet HTML 1Page - Micrel Semiconductor MIC5200-5.0BM Datasheet HTML 2Page - Micrel Semiconductor MIC5200-5.0BM Datasheet HTML 3Page - Micrel Semiconductor MIC5200-5.0BM Datasheet HTML 4Page - Micrel Semiconductor MIC5200-5.0BM Datasheet HTML 5Page - Micrel Semiconductor MIC5200-5.0BM Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MIC5200
Micrel
July 1998
3-126
0.15
0.20
0.25
0.30
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Ground Current
vs. Temperature
I
LOAD = 100µA
C
IN = 2.2µF
C
OUT = 4.7µF
1.0
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
150
TEMPERATURE (
°C)
Ground Current
vs. Temperature
I
LOAD = 100mA
C
IN = 2.2µF
C
OUT = 4.7µF
-100
0
100
200
-5
0
5
10 15 20 25 30 35
TIME (ms)
Thermal Regulation
(3.3V Version)
-50
0
50
100
C
L = 4.7 µF
3.0
3.1
3.2
3.3
3.4
3.5
3.6
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Output Voltage vs. Temp.
(3.3V Version)
C
IN = 2.2µF
C
OUT = 4.7µF
3 DEVICES:
HI / AVG / LO
CURVES APPLICABLE
AT 100
µA AND 100mA
100
120
140
160
180
200
220
240
260
280
300
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Output Current
vs. Temperature
V
OUT = 0V
(SHORT CIRCUIT)
V
OUT = 3.3V
3.20
3.21
3.22
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.30
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Minimum Input Voltage
vs. Temperature
C
IN = 2.2µF
C
OUT = 4.7µF
I
LOAD = 1mA
0
50
100
150
200
250
0.01
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0.0
0.1
0.2
0.3
0.4
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Dropout Voltage
vs. Temperature
I
L = 100mA
I
L = 1mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
024
68
10
INPUT VOLTAGE (V)
Dropout
Characteristics
I
L = 100mA
I
L = 100µA, 1mA
0.1
1
10
0.01
0.1
1
10
100
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
024
68
10
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
I
L = 100mA
I
L = 1mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.1
0.2
0.3
OUTPUT CURRENT (A)
Output Voltage
vs. Output Current
C
IN = 2.2µF
C
OUT = 4.7µF
Typical Characteristics


Similar Part No. - MIC5200-5.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200-5.0BM MICREL-MIC5200-5.0BM Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
MIC5200-5.0BMM MICREL-MIC5200-5.0BMM Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
More results

Similar Description - MIC5200-5.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
   Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
   1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com