Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5156-5.0BN Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5156-5.0BN
Description  Super LDO??Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5156-5.0BN Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5156-5.0BN Datasheet HTML 3Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 4Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 5Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 6Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 7Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 8Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 9Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 10Page - Micrel Semiconductor MIC5156-5.0BN Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MIC5156/5157/5158
Micrel
3-122
March 1999
GND
S
EA
MIC5158
G
EN
VIN
R1
R2
D
R3
R4
VDD
Figure 5. Battery Charger Concept
Uninterruptible Power Supply
The MIC5157 and two N-channel MOSFETs provide battery
switching for uninterruptible power as shown in figure (6).
Two MOSFETs are placed source-to-source to prevent cur-
rent flow through their body diodes when switched off. The
Super LDO regulator is continuously enabled to achieve fast
battery switch-in. Careful attention must be paid to the ac-line
monitoring circuitry to ensure that the output voltage does not
fall below design limits while the battery is being switched in.
Line
Battery
S
G
MIC5158
D
VDD
EN
GND
EA
1N4148
Uninterruptable
DC
D
S
D
G
S
G
MOSFET body diodes
shown for clarity
Off-line
Power Supply
AC
Line
Q1
Q2
40V max.
Figure 6. UPS Power Supply Concept


Similar Part No. - MIC5156-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156-5.0BN MICREL-MIC5156-5.0BN Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
MIC5156-5.0BN MICREL-MIC5156-5.0BN Datasheet
277Kb / 13P
   Super LDO Regulator Controller
More results

Similar Description - MIC5156-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5158YM MICREL-MIC5158YM Datasheet
277Kb / 13P
   Super LDO Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
   LDO Regulator Controller
March, 2007 ??Rev. 0
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com