Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3140 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS3140
Description  Digital cable length indication
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3140 Datasheet(HTML) 2 Page - Gennum Corporation

  GS3140 Datasheet HTML 1Page - Gennum Corporation GS3140 Datasheet HTML 2Page - Gennum Corporation GS3140 Datasheet HTML 3Page - Gennum Corporation GS3140 Datasheet HTML 4Page - Gennum Corporation GS3140 Datasheet HTML 5Page - Gennum Corporation GS3140 Datasheet HTML 6Page - Gennum Corporation GS3140 Datasheet HTML 7Page - Gennum Corporation GS3140 Datasheet HTML 8Page - Gennum Corporation GS3140 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
GS3140
Final Data Sheet
Rev.1
PDS-060939
May 2015
2 of 40
Semtech
Proprietary & Confidential
www.semtech.com
The differential output can be DC-coupled to Semtech’s
reclockers and cable drivers, as well as industry-standard
+1.2V, +1.8V and +2.5V CML logic by changing the voltage
applied to the VCC_O pin.
The GS3140 also features programmable output
de-emphasis with eight user-selectable operating levels to
support long PCB traces at the output of the device. The
output swing can be programmed, via the user interface,
from approximately 250mVppd to 1Vppd in 50mVppd steps.
The device comes in a 16-pin, 4mm x 4mm QFN–COL
package.
Power consumption of the GS3140 is typically 84mW when
DC-coupled to a +1.2V termination voltage with
OUTPUT_SWING = 0011b (see Table 4-2).
The GS3140 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
GS3140 Functional Block Diagram
Control and Status
Equalizer
DC Restore
Output Trace
Driver
AGC
VCC_A
SDI
VEE_A
AGC
VEE_O
DDO
VCC_O
SCLK
SDIN
SDOUT
SDI
AGC
DDO
CS
INT
VCC_D


Similar Part No. - GS3140

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140-INE3 SEMTECH-GS3140-INE3 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
More results

Similar Description - GS3140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
PHOENIX CONTACT
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
   Voltage indication module
logo
STMicroelectronics
EV-VN7040AJ STMICROELECTRONICS-EV-VN7040AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
logo
Integrated Device Techn...
IDT82V3012 IDT-IDT82V3012 Datasheet
456Kb / 32P
   Holdover status indication
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
EV-VN7040AS STMICROELECTRONICS-EV-VN7040AS Datasheet
477Kb / 7P
   Thermal shutdown indication
logo
Marl International Limi...
671-290-22 MARL-671-290-22_13 Datasheet
374Kb / 4P
   Large LED indication
logo
Pepperl+Fuchs Inc.
HIATB01-FAULT-01 PF-HIATB01-FAULT-01 Datasheet
938Kb / 3P
   Fault Indication Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com