Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5015BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5015BM
Description  Low-Cost High- or Low-Side MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5015BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5015BM Datasheet HTML 1Page - Micrel Semiconductor MIC5015BM Datasheet HTML 2Page - Micrel Semiconductor MIC5015BM Datasheet HTML 3Page - Micrel Semiconductor MIC5015BM Datasheet HTML 4Page - Micrel Semiconductor MIC5015BM Datasheet HTML 5Page - Micrel Semiconductor MIC5015BM Datasheet HTML 6Page - Micrel Semiconductor MIC5015BM Datasheet HTML 7Page - Micrel Semiconductor MIC5015BM Datasheet HTML 8Page - Micrel Semiconductor MIC5015BM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC5014/5015
Micrel
5-140
1997
Typical Characteristics All data measured using FET probe to minimize resistive loading
0
1
2
3
4
5
6
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
Supply Current
(Output Asserted)
0
5
10
15
20
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
Gate Enhancement
vs. Supply Voltage
Gate Enhancement =
V
GATE – VSUPPLY
0
50
100
150
200
250
300
02468
10
GATE CAPACITANCE (nF)
High-Side Turn-On Time
vs. Gate Capacitance
Supply = 12V
0.01
0.1
1
10
100
0
4
8
12
16
20
24
28
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 4V
C
GATE = 1300pF
0.01
0.1
1
10
100
0
4
8
12
16
20
24
28
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 4V
C
GATE = 3000pF
0
20
40
60
80
100
120
140
160
180
-60 -30
0
30
60
90 120 150
AMBIENT TEMPERATURE (
°C)
High-Side Turn-On Time
vs. Temperature
Supply = 12V
C
GATE = 1000pF
0.01
0.1
1
10
100
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 10V
C
GATE = 1300pF
0.01
0.1
1
10
100
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 10V
C
GATE = 3000pF
0
2
4
6
8
10
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
High-Side Turn-Off Time
Until Gate = 1V
C
GATE = 3000pF
C
GATE =
1300pF
1
10
100
1000
0
5
10
15
GATE-TO-SOURCE VOLTAGE (V)
Charge-Pump
Output Current
Source connected
to supply: supply
voltage as noted
3V
5V
12V
28V
1
10
100
1000
10000
0
5
10
15
GATE-TO-SOURCE VOLTAGE (V)
Charge-Pump
Output Current
Source connected
to ground: supply
voltage as noted
3V
5V
12V
28V
1
10
100
1000
10000
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
Low-Side Turn-On Time
Until Gate = 4V
C
GATE = 3000pF
C
GATE = 1300pF


Similar Part No. - MIC5015BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5015BM MICREL-MIC5015BM Datasheet
76Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5015BM MICREL-MIC5015BM Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5015BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
   Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
   Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
   Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
   Minimum Parts High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
   Minimum Parts High- or Low-Side MOSFET Driver
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com