Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2357NQ Datasheet(PDF) 3 Page - Gennum Corporation

Part # 2357NQ
Description  Solid-state technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

2357NQ Datasheet(HTML) 3 Page - Gennum Corporation

  2357NQ Datasheet HTML 1Page - Gennum Corporation 2357NQ Datasheet HTML 2Page - Gennum Corporation 2357NQ Datasheet HTML 3Page - Gennum Corporation 2357NQ Datasheet HTML 4Page - Gennum Corporation 2357NQ Datasheet HTML 5Page - Gennum Corporation 2357NQ Datasheet HTML 6Page - Gennum Corporation 2357NQ Datasheet HTML 7Page - Gennum Corporation 2357NQ Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2013 Semtech Corporation.
www.semtech.com
EClamp2357NQ
PROTECTION PRODUCTS
Typical Characteristics
Typical Insertion Loss S21 (Each Filter)
Analog Crosstalk (Each Line)
ESD Clamping (+8kV Contact)
ESD Clamping (-8kV Contact)
Capacitance vs. Temperature
-50
0
50
100
150
-20
0
20
40
60
80
100
Time (ns)
T
A = 25
OC
Corrected for 40dB attenuation.
Measured with 50Ω, 40dB attenuator;
50Ω Scope Input Impedance.
AR_ESD_+8
0
5
10
15
20
25
-50
0
50
100
150
Temperature (OC)
No Filter VR = 0V
No Filter VR = 2.5V
Filter VR = 0V
Filter VR = 2.5V
AR_CAPvT
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (MHz)
T
A = 25
OC
Filter Input to Output
AR_ILvF
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
Frequency (MHz)
T
A = 25
OC
CTvF
-150
-100
-50
0
50
-20
0
20
40
60
80
100
Time (ns)
T
A = 25
OC
Corrected for 40dB attenuation.
Measured with 50Ω, 40dB attenuator;
50Ω Scope Input Impedance.
AR_ESD_-8
100
101
102
103
104
105
-50
0
50
100
150
Temperature (OC)
Test Current = 1mA
AR_RSvT
Series Resistance vs. Temperature


Similar Part No. - 2357NQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2357NYYWW SEMTECH-2357NYYWW Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
More results

Similar Description - 2357NQ

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
   Solid-state silicon-avalanche technology
PESD5V0L1BA UMW-PESD5V0L1BA Datasheet
620Kb / 4P
   Solid-state silicon-avalanche technology
logo
Surge Components
SES12VN1010-5 SURGE-SES12VN1010-5 Datasheet
263Kb / 4P
   Solid-state silicon-avalanche technology
logo
Guangdong Youtai Semico...
PESD12VS2UT UMW-PESD12VS2UT Datasheet
544Kb / 4P
   Solid-state silicon-avalanche technology
logo
Sangdest Microelectroni...
SD05 SMC-SD05 Datasheet
160Kb / 5P
   Solid-state silicon-avalanche technology
logo
Gennum Corporation
0552T GENNUM-0552T Datasheet
147Kb / 7P
   Solid-state silicon-avalanche technology
logo
Guangdong Youtai Semico...
PESD12VL2BT UMW-PESD12VL2BT Datasheet
442Kb / 3P
   Solid-state silicon-avalanche technology
logo
Crydom Inc.,
DPA4119 CRYDOM-DPA4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com