Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0512TQ Datasheet(PDF) 3 Page - Gennum Corporation

Part # 0512TQ
Description  Protects Two High-Speed Data Lines
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

0512TQ Datasheet(HTML) 3 Page - Gennum Corporation

  0512TQ Datasheet HTML 1Page - Gennum Corporation 0512TQ Datasheet HTML 2Page - Gennum Corporation 0512TQ Datasheet HTML 3Page - Gennum Corporation 0512TQ Datasheet HTML 4Page - Gennum Corporation 0512TQ Datasheet HTML 5Page - Gennum Corporation 0512TQ Datasheet HTML 6Page - Gennum Corporation 0512TQ Datasheet HTML 7Page - Gennum Corporation 0512TQ Datasheet HTML 8Page - Gennum Corporation 0512TQ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RClamp0512TQ
Final Datasheet
Rev 5.0
June 12, 2015
www.semtech.com
Page 3
Semtech
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
Clamping Characteristic (20A, 1.2/50us Pulse)
ESD Clamping (+8kV Contact per IEC 61000-4-2)
0
5
10
15
-10
0
10
20
30
40
50
Time (us)
Waveform Parameters:
1.2/50µs (Voltage) / 8/20µS
(Current) combination waveform
with 8Ω source impedance.
Injected current = 20A
Pin 1 or Pin 2 to Pin 3
TA = 25OC
0
10
20
30
40
50
60
-10
0
10
20
30
40
50
60
70
80
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth. Corrected
for 50 Ohm, 26dB attenuator. ESD gun
return path connected to ESD ground plane.
-5
0
5
10
15
20
25
30
02468
10
12
Clamping Voltage (V)
Transmission Line Pulse Test
(TLP) Settings:
tp = 100ns, tr = 0.2ns,
ITLP and VTLP averaging window:
t1 = 70ns to t2 = 90ns
Pin 1 or Pin 2 to Pin 3
-30
-25
-20
-15
-10
-5
0
-10
0
10
20
30
40
50
60
70
80
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth. Corrected
for 50 Ohm, 26dB attenuator. ESD gun
return path connected to ESD ground plane.
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration ‐ tp (µs)
DR040412‐170
TA = 25OC
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature ‐ TA (OC)
DR040512:25:125:150
TLP IV Curve (Positive Pulse)
ESD Clamping (-8kV Contact per IEC 61000-4-2)


Similar Part No. - 0512TQ

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512031200 MOLEX7-0512031200 Datasheet
90Kb / 3P
   HMC??Rectangular Industrial Male Housing, Multi-Module Type, 12 Circuits
0512041200 MOLEX7-0512041200 Datasheet
90Kb / 3P
   HMC??Rectangular Industrial Female Housing, Multi-Module Type, 12 Circuits
0512160200 MOLEX7-0512160200 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 2 Circuits
0512160300 MOLEX7-0512160300 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 3 Circuits
0512160400 MOLEX7-0512160400 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, PositiveLock, 4 Circuits
More results

Similar Description - 0512TQ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
3324T GENNUM-3324T Datasheet
237Kb / 10P
   Protects four high-speed lines
1202P GENNUM-1202P Datasheet
231Kb / 7P
   Protects up to two lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Guangdong Youtai Semico...
BST23CXXXV UMW-BST23CXXXV Datasheet
480Kb / 5P
   Protects one bidirectional line or two unidirectional lines
logo
Bourns Electronic Solut...
CDNBS08-T58CC BOURNS-CDNBS08-T58CC Datasheet
340Kb / 4P
   Protects four lines
logo
Micro Commercial Compon...
ESDLC5V0T7 MCC-ESDLC5V0T7 Datasheet
322Kb / 3P
   Protect up two data lines
logo
Rhombus Industries Inc.
F-120 RHOMBUS-IND-F-120 Datasheet
27Kb / 1P
   High Frequency Data Line Filter (4 Lines - Two Coils)
logo
Gennum Corporation
3374N GENNUM-3374N Datasheet
171Kb / 9P
   Protects up to eight lines
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
   Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com