Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0512TQ Datasheet(PDF) 10 Page - Gennum Corporation

Part # 0512TQ
Description  Protects Two High-Speed Data Lines
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

0512TQ Datasheet(HTML) 10 Page - Gennum Corporation

Back Button 0512TQ Datasheet HTML 5Page - Gennum Corporation 0512TQ Datasheet HTML 6Page - Gennum Corporation 0512TQ Datasheet HTML 7Page - Gennum Corporation 0512TQ Datasheet HTML 8Page - Gennum Corporation 0512TQ Datasheet HTML 9Page - Gennum Corporation 0512TQ Datasheet HTML 10Page - Gennum Corporation 0512TQ Datasheet HTML 11Page - Gennum Corporation 0512TQ Datasheet HTML 12Page - Gennum Corporation 0512TQ Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RClamp0512TQ
Final Datasheet
Rev 5.0
June 12, 2015
www.semtech.com
Page 10
Semtech
Outline Drawing - SGP1006N3T
Land Pattern - SGP1006N3T
b
bbb
aaa
N
e
D
DIM
A1
A
0.25
0.15 0.20
0.08
0.10
3
1.00
0.70 BSC
MILLIMETERS
MAX
0.05
0.45
DIMENSIONS
MIN
0.00
NOM
0.35
0.015
0.40
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
0.60
E
1.075
0.95
0.55
0.675
PIN 1
INDICATOR
(LASER MARK)
SEATING
PLANE
L 0.20 0.25 0.30
1
N
2
D
bbb
CA B
C
aaa C
B
A
E
D/2
A1
A
e/2
e
LxN
bxN
(0.025-0.075)
E/2
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
2.
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIM
X
Y
C
MILLIMETERS
(0.42)
0.20
0.43
DIMENSIONS
0.85
Z
P
0.70
Y
Z
X
P/2
P
(C)


Similar Part No. - 0512TQ

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512031200 MOLEX7-0512031200 Datasheet
90Kb / 3P
   HMC??Rectangular Industrial Male Housing, Multi-Module Type, 12 Circuits
0512041200 MOLEX7-0512041200 Datasheet
90Kb / 3P
   HMC??Rectangular Industrial Female Housing, Multi-Module Type, 12 Circuits
0512160200 MOLEX7-0512160200 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 2 Circuits
0512160300 MOLEX7-0512160300 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 3 Circuits
0512160400 MOLEX7-0512160400 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, PositiveLock, 4 Circuits
More results

Similar Description - 0512TQ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
3324T GENNUM-3324T Datasheet
237Kb / 10P
   Protects four high-speed lines
1202P GENNUM-1202P Datasheet
231Kb / 7P
   Protects up to two lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Guangdong Youtai Semico...
BST23CXXXV UMW-BST23CXXXV Datasheet
480Kb / 5P
   Protects one bidirectional line or two unidirectional lines
logo
Bourns Electronic Solut...
CDNBS08-T58CC BOURNS-CDNBS08-T58CC Datasheet
340Kb / 4P
   Protects four lines
logo
Micro Commercial Compon...
ESDLC5V0T7 MCC-ESDLC5V0T7 Datasheet
322Kb / 3P
   Protect up two data lines
logo
Rhombus Industries Inc.
F-120 RHOMBUS-IND-F-120 Datasheet
27Kb / 1P
   High Frequency Data Line Filter (4 Lines - Two Coils)
logo
Gennum Corporation
3374N GENNUM-3374N Datasheet
171Kb / 9P
   Protects up to eight lines
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
   Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com