Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5960IB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5960IB
Description  14-Bit, 130MSPS, High Speed D/A Converte
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5960IB Datasheet(HTML) 4 Page - Intersil Corporation

  HI5960IB Datasheet HTML 1Page - Intersil Corporation HI5960IB Datasheet HTML 2Page - Intersil Corporation HI5960IB Datasheet HTML 3Page - Intersil Corporation HI5960IB Datasheet HTML 4Page - Intersil Corporation HI5960IB Datasheet HTML 5Page - Intersil Corporation HI5960IB Datasheet HTML 6Page - Intersil Corporation HI5960IB Datasheet HTML 7Page - Intersil Corporation HI5960IB Datasheet HTML 8Page - Intersil Corporation HI5960IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DCOM . . . . . . . . . . . . . . . . . +5.5V
Analog Supply Voltage AVDD to ACOM . . . . . . . . . . . . . . . . . +5.5V
Grounds, ACOM TO DCOM . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Digital Input Voltages (D9-D0, CLK, SLEEP). . . . . . . . DVDD + 0.3V
Reference Input Voltage Range. . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
HI5960IX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA(oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVDD = DVDD = +5V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25
oC for All Typical Values
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Resolution
14
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 8)
-5
±2.5
+5
LSB
Differential Linearity Error, DNL
(Note 8)
-3
±1.5
+3
LSB
Offset Error, IOS
(Note 8)
-0.025
+0.025
% FSR
Offset Drift Coefficient
(Note 8)
-
0.1
-
ppm
FSR/o
Χ
Full Scale Gain Error, FSE
With External Reference (Notes 2, 8)
-10
±2+10
% FSR
With Internal Reference (Notes 2, 8)
-10
±1+10
% FSR
Full Scale Gain Drift
With External Reference (Note 8)
-
±50
-
ppm
FSR/ο
Χ
With Internal Reference (Note 8)
-
±100
-
ppm
FSR/ο
Χ
Full Scale Output Current, IFS
2-
20
mA
Output Voltage Compliance Range
(Note 3, 8)
-0.3
-
1.25
V
DYNAMIC CHARACTERISTICS
Maximum Clock Rate, fCLK
(Note 3)
130
-
-
MHz
Output Settling Time, (tSETT)
±0.05% (±8 LSB) (Note 8)
-
35
-
ns
Singlet Glitch Area (Peak Glitch)
RL = 25Ω (Note 8)
-
5
-
pV•s
Output Rise Time
Full Scale Step
-
2.5
-
ns
Output Fall Time
Full Scale Step
-
2.5
-
ns
Output Capacitance
-10
-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/
√Hz
IOUTFS = 2mA
-
30
-
pA/
√Hz
AC CHARACTERISTICS
+5V Power Supply
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 100MSPS, fOUT = 20.2MHz, 30MHz Span (Notes 4, 8)
-
77
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz, 8MHz Span (Notes 4, 8)
-
97
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, 8MHz Span (Notes 4, 8)
-
97
-
dBc
HI5960


Similar Part No. - HI5960IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5960IB INTERSIL-HI5960IB Datasheet
88Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
HI5960IB INTERSIL-HI5960IB Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
HI5960IB RENESAS-HI5960IB Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5960IBZ INTERSIL-HI5960IBZ Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
HI5960IBZ RENESAS-HI5960IBZ Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
More results

Similar Description - HI5960IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860IA INTERSIL-HI5860IA Datasheet
683Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
logo
Renesas Technology Corp
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
logo
Linear Technology
LTC2208-14 LINER-LTC2208-14 Datasheet
1Mb / 28P
   14-Bit, 130Msps ADC
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com