Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4575BU Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4575BU
Description  200kHz Simple 1A Buck Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4575BU Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4575BU Datasheet HTML 1Page - Micrel Semiconductor MIC4575BU Datasheet HTML 2Page - Micrel Semiconductor MIC4575BU Datasheet HTML 3Page - Micrel Semiconductor MIC4575BU Datasheet HTML 4Page - Micrel Semiconductor MIC4575BU Datasheet HTML 5Page - Micrel Semiconductor MIC4575BU Datasheet HTML 6Page - Micrel Semiconductor MIC4575BU Datasheet HTML 7Page - Micrel Semiconductor MIC4575BU Datasheet HTML 8Page - Micrel Semiconductor MIC4575BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MIC4575
Micrel
4-110
April 1998•
Functional Description
The MIC4575 is a variable duty cycle switch-mode regulator
with an internal power switch. Refer to the block diagrams.
Supply Voltage
The MIC4575 operates from a +4V to +24V unregulated
input. Highest efficiency operation is from a supply voltage
around +15V.
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible. Ground the
input if unused. A logic-low enables the regulator. A logic-
high shuts down the internal regulator which reduces the
current to typically 50
µA.
Feedback
Fixed versions of the regulator have an internal resistive
divider from the feedback (FB) pin. Connect FB directly to the
output line.
Adjustable versions require an external resistive voltage
divider from the output voltage to ground, connected from the
1.23V tap to FB.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback signal
with a 1.23V bandgap voltage reference. The resulting error
amplifier output voltage is compared to a 200kHz sawtooth
waveform to produce a voltage controlled variable duty cycle
output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage (comparator
inverting input) causes the comparator to detect only the
peaks of the sawtooth, reducing the duty cycle of the com-
parator output. A lower feedback voltage increases the duty
cycle.
Output Switching
When the internal switch is on, an increasing current flows
from the supply V
IN, through external storage inductor L1, to
output capacitor C
OUT and the load. Energy is stored in the
inductor as the current increases with time.
When the internal switch is turned off, the collapse of the
magnetic field in L1 forces current to flow through fast
recovery diode D1, charging C
OUT.
Output Capacitor
External output capacitor C
OUT provides stabilization and
reduces ripple.
Return Paths
During the on portion of the cycle, the output capacitor and
load currents return to the supply ground. During the off
portion of the cycle, current is being supplied to the output
capacitor and load by storage inductor L1, which means that
D1 is part of the high-current return path.
Applications Information
The applications circuits that follow have been constructed
and tested.
Refer to Application Note 15 for additional
information, including efficiency graphs and manufacturer’s
addresses and telephone numbers for most circuits.
For a mathematical approach to component selection and
circuit design, refer to Application Note 14.
C1
150µF
35V
D1
1N5819
C2
330µF
16V
L1
68µH
GND
FB
SW
MIC4575-3.3BT
SHDN
6V to 24V
3.3V/1A
VIN
C1 Nichicon
UPL1V151MPH, ESR = 0.12
C2 Nichicon
UPL1C331MPH, ESR = 0.12
D1 Motorola
1N5819
L1
Sumida
RCH106-680K, DCR = 0.22
L1
Bi
HM77-11003, DCR = 0.233
Ω, Note 2
3
4
2
5
1
Figure 1. 6V–24V to 3.3V/1A Buck Converter
Through Hole
C1
150µF
35V
D1
1N5819
C2
330µF
16V
L1
68µH
GND
FB
SW
MIC4575-5.0BT
SHDN
8V to 24V
5.0V/1A
VIN
C1 Nichicon
UPL1J151MPH, ESR = 0.12
C2 Nichicon
UPL1C331MPH, ESR = 0.12
D1 Motorola
1N5819
L1
Sumida
RCH106-680K, DCR = 0.22
L2
Bi
HM77-11003, DCR = 0.233
Ω, Note 2
3
4
2
5
1
Figure 2. 8V–24V to 5V/1A Buck Converter
Through Hole
C1
68µF
63V
MBR160
C2
330µF
16V
L1
150µH
GND
FB
SW
MIC4575BT
SHDN
16V to 24V
12V/1A
VIN
R2
13.0k
1%
R1
1.50k
1%
C1 Nichicon
UPL1J680MPH, ESR = 0.17
C2 Nichicon
UPL1C331MPH, ESR = 0.12
D1 Motorola
MBR160
L1
Sumida
RCH110-151K, DCR = 0.23
5
1
4
2
3
Figure 3. 16V–24V to 12V/1A Buck Converter, Through Hole
Note 2: Surface-
mount component.


Similar Part No. - MIC4575BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575BU MICREL-MIC4575BU Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results

Similar Description - MIC4575BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
   200kHz Simple 0.5A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
   200kHz Simple 3A Buck Voltage Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
   200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
   1A 200kHz SuperSwitcher Buck Regulator
MIC4574 MICREL-MIC4574_05 Datasheet
462Kb / 7P
   200kHz Simple 0.5A Buck Regulator
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
   1A 200kHz SuperSwitcher??Buck Regulator Final Information
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com