Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5860IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI5860IBZ
Description  12-Bit, 130MSPS, High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5860IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HI5860IBZ Datasheet HTML 1Page - Intersil Corporation HI5860IBZ Datasheet HTML 2Page - Intersil Corporation HI5860IBZ Datasheet HTML 3Page - Intersil Corporation HI5860IBZ Datasheet HTML 4Page - Intersil Corporation HI5860IBZ Datasheet HTML 5Page - Intersil Corporation HI5860IBZ Datasheet HTML 6Page - Intersil Corporation HI5860IBZ Datasheet HTML 7Page - Intersil Corporation HI5860IBZ Datasheet HTML 8Page - Intersil Corporation HI5860IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN4654.7
February 6, 2008
Typical Applications Circuit
Functional Block Diagram
D11 (1)
D10 (2)
D9 (3)
D8 (4)
D7 (5)
D6 (6)
D5 (7)
D4 (8)
D11
D10
D9
D8
D7
D6
D5
D4
DCOM (26)
CLK (28)
(19) COMP1
(24) AVDD
D/A OUT
(22) IOUTA
(21) IOUTB
50
Ω
(18) FSADJ
(16) REFLO
HI5860
DVDD (27)
0.1µF
50
Ω
10µF
(20) ACOM
50
Ω
(15) SLEEP
(17) REFIO
0.1µF
1.91k
Ω
FERRITE
10µH
0.1µF
(23) COMP2
D/A OUT
+
BEAD
RSET
NC (13, 14)
D3
D2
D1
D0
D3 (9)
D2 (10)
D1 (11)
D0 (LSB) (12)
0.1µF
10µH
+
BEAD
(25) ACOM
ACOM
DCOM
10µF
+5V OR +3V (VDD)
0.1µF
UPPER
VOLTAGE
REFERENCE
(LSB) D0
D1
D2
D3
D4
D5
D6
D9
CLK
D7
D8
5-BIT
DECODER
REFIO
LATCH
AVDD
ACOM
DVDD
DCOM
LATCH
CASCODE
CURRENT
SOURCE
SWITCH
MATRIX
BIAS
GENERATION
INT/EXT
FSADJ
REFERENCE
INT/EXT
SELECT
REFLO
31
38
38
31 MSB
SEGMENTS
7 LSBs
+
COMP2
COMP1
SLEEP
IOUTA
IOUTB
D10
(MSB) D11
HI5860


Similar Part No. - HI5860IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860IBZ INTERSIL-HI5860IBZ Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
HI5860IBZ INTERSIL-HI5860IBZ Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5860IBZ RENESAS-HI5860IBZ Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
More results

Similar Description - HI5860IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
   12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Intersil Corporation
HI5960IB INTERSIL-HI5960IB Datasheet
302Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converte
March 31, 2005
logo
Analog Devices
HAS-1204 AD-HAS-1204_15 Datasheet
947Kb / 4P
   ULTRA HIGH SPEED 12 BIT A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com