Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4807BN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4807BN
Description  80V 8-Channel Addressable Low-Side Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4807BN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4807BN Datasheet HTML 1Page - Micrel Semiconductor MIC4807BN Datasheet HTML 2Page - Micrel Semiconductor MIC4807BN Datasheet HTML 3Page - Micrel Semiconductor MIC4807BN Datasheet HTML 4Page - Micrel Semiconductor MIC4807BN Datasheet HTML 5Page - Micrel Semiconductor MIC4807BN Datasheet HTML 6Page - Micrel Semiconductor MIC4807BN Datasheet HTML 7Page - Micrel Semiconductor MIC4807BN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIC4807
Micrel
October 1998
7-5
7
Electrical Characteristics: (Note 6) T
A = 25°C, VDD = 15V unless otherwise specified (see Test Circuit).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Turn-Off Delay
(E)
2.5
µs
Output Disable
(F)
2
µs
Response Time
Output Enable
(G)
2
µs
Response Time
Clear Response Time
(H)
2.5
µs
Clear Pulse Width
(I)
500
ns
Electrical Characteristics: (Note 6) T
A = –55°C to +125°C, VDD = 15V unless otherwise specified (see Test
Circuit).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
4.5
16
V
IDD
Supply Current
OE = L (Note 3)
15
mA
OE = H (Note 4)
4
mA
VIN (0)
Logic Input Voltage
4.5V
≤ VDD ≤ 16V
0.8
V
VIN (1)
2.0
V
IIN (0)
Logic Input Current for AIN,VIN = 0V
–250
–10
µA
BIN, CIN, and Data-in
IIN (1)
Logic Input Current for CS,
VIN = VDD
25
400
µA
OE, and Clear
IOUT
Output Leakage Current
OE = 0V, VOUT = 80V
5.1
7
µA
RON
Output "ON" Resistance
Output is ON, VOUT =0.7V,VDD=10V
12
ISC
Short Circuit Current
Output is ON< VOUT = 50V
100
300
mA
10V
≤ VDD ≤ 15V (Note 5)
VOUT
Output Voltage (OFF)
80
V
VOUT
Output Voltage (ON)
IOUT = 50mA,VDD = 10V
0.6
V
IOUT = 100mA, VDD = 10V
1.2
V
Data and Address
VDD = 10V for all timing tests
700
ns
Set-up Time
(A, see Timing Diagram)
Data and Address
(B)
50
ns
Hold Time
CS Pulse Width
(C)
1000
ns
Turn-on Delay
(D)
5
µs


Similar Part No. - MIC4807BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4801 MICREL-MIC4801 Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4801YM MICREL-MIC4801YM Datasheet
560Kb / 12P
   High Efficiency 600mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802 MICREL-MIC4802 Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
MIC4802YME MICREL-MIC4802YME Datasheet
539Kb / 12P
   High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
More results

Similar Description - MIC4807BN

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
logo
Allegro MicroSystems
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com