Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5760IAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5760IAZ
Description  10-Bit, 125/60MSPS, High Speed D/A Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5760IAZ Datasheet(HTML) 1 Page - Intersil Corporation

  HI5760IAZ Datasheet HTML 1Page - Intersil Corporation HI5760IAZ Datasheet HTML 2Page - Intersil Corporation HI5760IAZ Datasheet HTML 3Page - Intersil Corporation HI5760IAZ Datasheet HTML 4Page - Intersil Corporation HI5760IAZ Datasheet HTML 5Page - Intersil Corporation HI5760IAZ Datasheet HTML 6Page - Intersil Corporation HI5760IAZ Datasheet HTML 7Page - Intersil Corporation HI5760IAZ Datasheet HTML 8Page - Intersil Corporation HI5760IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
HI5760
10-Bit, 125/60MSPS, High Speed D/A
Converter
The HI5760 is a 10-bit, 125MSPS, high speed, low power,
D/A converter which is implemented in an advanced CMOS
process. Operating from a single +3V to +5V supply, the
converter provides 20mA of full scale output current and
includes edge-triggered CMOS input data latches. Low glitch
energy and excellent frequency domain performance are
achieved using a segmented current source architecture.
For an equivalent performance dual version, see the HI5728.
This device complements the HI5X60 family of high speed
converters offered by Intersil, which includes 8, 10, 12, and
14-bit devices.
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 125MSPS
• Low Power . . . . . . . . . . . . . . . 165mW at 5V, 27mW at 3V
• Power Down Mode. . . . . . . . . . 23mW at 5V, 10mW at 3V
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . . . . ±1 LSB
• Adjustable Full Scale Output Current . . . . . 2mA to 20mA
• SFDR to Nyquist at 5MHz Output . . . . . . . . . . . . . . 68dBc
• Internal 1.2V Temperature Compensated Bandgap
Voltage Reference
• Single Power Supply from +5V to +3V
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
• Pb-Free Available (RoHS Compliant)
Applications
• Cable Modems
• Set Top Boxes
• Wireless Communications
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• Test Instrumentation
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Pinout
HI5760 (SOIC, TSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CLOCK
SPEED
HI5760BIB
-40 to 85
28 Ld SOIC
M28.3
125MHz
HI5760BIBZ
(See Note)
-40 to 85
28 Ld SOIC
(Pb-free)
M28.3
125MHz
HI5760IA
-40 to 85
28 Ld TSSOP M28.173 125MHz
HI5760IAZ
(See Note)
-40 to 85
28 Ld TSSOP
(Pb-free)
M28.173 125MHz
HI5760/6IB
-40 to 85
28 Ld SOIC
M28.3
60MHz
HI5760/6IBZ
(See Note)
-40 to 85
28 Ld SOIC
(Pb-free)
M28.3
60MHz
HI5760EVAL1
25
Evaluation Platform
125MHz
* Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLK
DCOM
NC
AVDD
NC
IOUTB
COMP1
FSADJ
REFIO
REFLO
SLEEP
DVDD
IOUTA
ACOM
Data Sheet
March 30, 2005
FN4320.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HI5760IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5760IAZ INTERSIL-HI5760IAZ Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5760IAZ RENESAS-HI5760IAZ Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results

Similar Description - HI5760IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com