Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5760IA Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI5760IA
Description  10-Bit, 125/60MSPS, High Speed D/A Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5760IA Datasheet(HTML) 5 Page - Intersil Corporation

  HI5760IA Datasheet HTML 1Page - Intersil Corporation HI5760IA Datasheet HTML 2Page - Intersil Corporation HI5760IA Datasheet HTML 3Page - Intersil Corporation HI5760IA Datasheet HTML 4Page - Intersil Corporation HI5760IA Datasheet HTML 5Page - Intersil Corporation HI5760IA Datasheet HTML 6Page - Intersil Corporation HI5760IA Datasheet HTML 7Page - Intersil Corporation HI5760IA Datasheet HTML 8Page - Intersil Corporation HI5760IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
DIGITAL INPUTS
D9-D0, CLK
Input Logic High Voltage with
5V Supply, VIH
(Note 3)
3.5
5
-
V
Input Logic High Voltage with
3V Supply, VIH
(Note 3)
2.1
3
-
V
Input Logic Low Voltage with
5V Supply, VIL
(Note 3)
-
0
1.3
V
Input Logic Low Voltage with
3V Supply, VIL
(Note 3)
-
0
0.9
V
Input Logic Current, IIH
-10
-
+10
µA
Input Logic Current, IIL
-10
-
+10
µA
Digital Input Capacitance, CIN
-5
-
pF
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 41 (Note 3)
3
-
-
ns
Data Hold Time, tHLD
See Figure 41 (Note 3)
3
-
-
ns
Propagation Delay Time, tPD
See Figure 41
-
1
-
ns
CLK Pulse Width, tPW1, tPW2
See Figure 41 (Note 3)
4
-
-
ns
POWER SUPPLY CHARACTERISTICS
AVDD Power Supply
(Note 8)
2.7
5.0
5.5
V
DVDD Power Supply
(Note 8)
2.7
5.0
5.5
V
Analog Supply Current (IAVDD)
(5V or 3V, IOUTFS = 20mA)
-
23
30
mA
(5V or 3V, IOUTFS = 2mA)
-
4
-
mA
Digital Supply Current (IDVDD)
(5V, IOUTFS = Don’t Care) (Note 5)
-
3
5
mA
(3V, IOUTFS = Don’t Care) (Note 5)
-
1.5
-
mA
Supply Current (IAVDD) Sleep Mode
(5V or 3V, IOUTFS = Don’t Care)
-
1.6
3
mA
Power Dissipation
(5V, IOUTFS = 20mA) (Note 6)
-
165
-
mW
(5V, IOUTFS = 2mA) (Note 6)
-
70
-
mW
(5V, IOUTFS = 20mA) (Note 9)
-
150
-
mW
(3.3V, IOUTFS = 20mA) (Note 9)
-
75
-
mW
(3V, IOUTFS = 20mA) (Note 6)
-
85
-
mW
(3V, IOUTFS = 20mA) (Note 9)
-
67
-
mW
(3V, IOUTFS = 2mA) (Note 6)
-
27
-
mW
Power Supply Rejection
Single Supply (Note 7)
-0.2
-
+0.2
% FSR/V
NOTES:
2. Gain Error measured as the error in the ratio between the full scale output current and the current through RSET (typically 625µA). Ideally the
ratio should be 31.969.
3. Parameter guaranteed by design or characterization and not production tested.
4. Spectral measurements made with differential coupled transformer.
5. Measured with the clock at 50MSPS and the output frequency at 1MHz.
6. Measured with the clock at 100MSPS and the output frequency at 40MHz.
7. See ‘Definition of Specifications’.
8. It is recommended that the output current be reduced to 12mA or less to maintain optimum performance for operation below 3V. DVDD and AVDD
do not have to be equal.
9. Measured with the clock at 60MSPS and the output frequency at 10MHz.
Electrical Specifications
AVDD = DVDD = +5V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25
oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
HI5760
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
HI5760


Similar Part No. - HI5760IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5760IA INTERSIL-HI5760IA Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760IA INTERSIL-HI5760IA Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5760IA RENESAS-HI5760IA Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760IAZ INTERSIL-HI5760IAZ Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5760IAZ RENESAS-HI5760IAZ Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results

Similar Description - HI5760IA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com