Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD210 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJD210
Description  PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJD210 Datasheet(HTML) 2 Page - Unisonic Technologies

  MJD210_15 Datasheet HTML 1Page - Unisonic Technologies MJD210_15 Datasheet HTML 2Page - Unisonic Technologies MJD210_15 Datasheet HTML 3Page - Unisonic Technologies MJD210_15 Datasheet HTML 4Page - Unisonic Technologies MJD210_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJD210
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R213-001.C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-7
V
Continuous
-5
A
Collector Current
Peak
IC
-10
A
Base Current
IB
-1
A
TC=25°C
12.5
W
Derate above 25
°C0.1
W/
°C
Ta=25
°C (Note2)
1.4
W
Total Device Dissipation
Derate above 25
°C
PD
0.011
W/
°C
Junction Temperature
TJ
+150
°C
Storage Junction Temperature
TSTG
-65 ~ +150
°C
Note: 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When surface mounted on minimum pad sizes recommended.
THERMAL DATA (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
89.3
°C/W
Junction to Case
θJC
10
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX UNIT
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage(Note 1) VCEO(SUS) IC=-10mA, IB=0
-25
V
VCB=-40V, IE=0
-100
nA
Collector Cutoff Current
ICBO
VCB=-40V, IE=0, TJ=125°C
-100
nA
Emitter Cutoff Current
IEBO
VBE=-7V, IC=0
-100
nA
ON CHARACTERISTICS
IC=-500mA, VCE=-1V
70
IC=-2A, VCE=-1V
45
180
DC Current Gain (Note 1)
hFE
IC=-5A, VCE=-2V
10
IC=-500mA, IB=-50mA
-0.3
IC=-2A, IB=-200mA
-0.75
Collector-Emitter Saturation Voltage (Note 1)
VCE(SAT)
IC=-5A, IB=-1A
-1.8
V
Base-Emitter Saturation Voltage (Note 1)
VBE(SAT)
IC=-5A, IB=-1A
-2.5
V
Base-Emitter On Voltage (Note 1)
VBE(ON)
IC=-2A, VCE=-1V
-1.6
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product (Note 2)
fT
IC=-100mA, VCE=-10V,
fTEST = 10MHz
65
MHz
Output Capacitance
COB
VCB=-10V, IE=0, f=0.1MHz
120
pF
Note: 1. Pulse Test: Pulse Width = 300μs, Duty Cycle ≈ 2%.
2. fT =|hFE|‧fTEST.


Similar Part No. - MJD210_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD210-1 MOTOROLA-MJD210-1 Datasheet
236Kb / 6P
   SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
logo
Unisonic Technologies
MJD210 UTC-MJD210_10 Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
More results

Similar Description - MJD210_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJD210 UTC-MJD210_10 Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJD1718 ONSEMI-NJD1718_13 Datasheet
113Kb / 5P
   PNP Silicon DPAK For Surface Mount Applications
October, 2013 ??Rev. 4
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
   NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
   NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Samsung semiconductor
MJD127 SAMSUNG-MJD127 Datasheet
194Kb / 3P
   PNP (D-PACK FOR SURFACE MOUNT APPLICATIONS)
logo
ON Semiconductor
MMBT6589T1 ONSEMI-MMBT6589T1 Datasheet
63Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
January, 2006 ??Rev. 1
logo
Micro Commercial Compon...
SK32AFL MCC-SK32AFL Datasheet
521Kb / 4P
   For Surface Mount Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com