Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9112ILZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL9112ILZ-T13
Description  Triple Differential Receiver/Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9112ILZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL9112ILZ-T13 Datasheet HTML 5Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 6Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 7Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 8Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 9Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 10Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 11Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 12Page - Intersil Corporation EL9112ILZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7450.4
May 9, 2007
FIGURE 23. TOTAL HARMONIC DISTORTION
FIGURE 24. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
893mW
θ
JA =
14
0°C
/W
QF
N2
8
0
50
85
150
1.2
0.8
0.6
0.4
0.2
0
AMBIENT TEMPERATURE (°C)
25
75
100
125
1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
θ
JA =
37
°C
/W
QF
N2
8
3.378W
0
50
85
150
4.5
3.5
2.5
1.5
0.5
0
AMBIENT TEMPERATURE (°C)
25
75
100
125
4
2
1
3
EL9111, EL9112


Similar Part No. - EL9112ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9112ILZ-T13 INTERSIL-EL9112ILZ-T13 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9112ILZ-T13 INTERSIL-EL9112ILZ-T13 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9112ILZ-T13 INTERSIL-EL9112ILZ-T13 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
More results

Similar Description - EL9112ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com