Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA456CMZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA456CMZ
Description  120MHz, Low Power, 8x8 Video Crosspoint Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA456CMZ Datasheet(HTML) 3 Page - Intersil Corporation

  HA456CMZ Datasheet HTML 1Page - Intersil Corporation HA456CMZ Datasheet HTML 2Page - Intersil Corporation HA456CMZ Datasheet HTML 3Page - Intersil Corporation HA456CMZ Datasheet HTML 4Page - Intersil Corporation HA456CMZ Datasheet HTML 5Page - Intersil Corporation HA456CMZ Datasheet HTML 6Page - Intersil Corporation HA456CMZ Datasheet HTML 7Page - Intersil Corporation HA456CMZ Datasheet HTML 8Page - Intersil Corporation HA456CMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN4153.7
September 26, 2008
Pin Descriptions
NAME
FUNCTION
NC
No connect. Not internally connected.
D1/SER OUT
Parallel Data Bit input D1 for Parallel Programming Mode. Serial Data Output (MSB of shift register) for cascading multiple
HA456s in serial programming mode. Simply connect Serial Data Out of one HA456 to Serial Data In of another HA456 to daisy
chain multiple devices.
D0/SER IN
Parallel Data Bit Input D0 for Parallel Programming Mode. Serial Data Input (input to shift register) for serial programming mode.
A2, A1, A0
Output Channel Address Bits. These inputs select the output being programmed in parallel programming mode.
IN0-IN7
Analog Video Input Lines.
DGND
Digital Ground. Connect both DGND pins to AGND.
EDGE/LEVEL
A user strapped input that defines whether synchronous channel switching is edge or level controlled. With this pin is strapped
high, the slave register loads from the master register (thus changing the switch matrix state) on the rising edge of the LATCH
signal. If it is strapped low (level mode), the slave register is transparent while LATCH is low, passing data directly from the
master register to the switch state decoders. Strapping EDGE/LEVEL and LATCH low causes the channel switch to execute on
the WR rising edge (not recommended for serial mode operation).
V+
Positive Supply Voltage. Connect all V+ pins together and decouple each pin to AGND (see Figure 2).
SER/PAR
A user strapped input that defines whether the serial (SER/PAR = 1) or parallel (SER/PAR = 0) digital programming interface is
being utilized.
V-
Negative Supply Voltage. Connect both V- pins together and decouple each pin to AGND (see Figure 2).
WR
WRITE Input. In serial mode, data shifts into the shift register (Master Register) LSB from SER IN on the WR rising edge. In
parallel mode, the Master Register loads with D3:0 (if D3:0 = 0000 through 1000), or the appropriate action is taken
(if D3:0 =1011 through 1111), on the WR rising edge (see Table 1).
LATCH
Synchronous Channel Switch Control Input. If EDGE/LEVEL = 1, data is loaded from the Master Register to the Slave Register
on the rising edge of LATCH. If EDGE/LEVEL = 0, data is loaded from the Master to the Slave Register while LATCH = 0. In
parallel mode, commands 1011 through 1110 execute asynchronously, on the WR rising edge, regardless of the state of LATCH
or EDGE/LEVEL. Parallel mode command 1111 executes a software “Latch” (see Table 1).
CE
Chip Enable. When CE = 0 and CE = 1, the WR line is enabled.
CE
Chip Enable. When CE = 0 and CE = 1, the WR line is enabled.
OUT7-OUT0
Analog Video Outputs.
AGND
Analog Ground.
D3
Parallel Data Bit Input D3 when SER/PAR = 0. D3 is unused with serial programming.
D2
Parallel Data Bit Input D2 when SER/PAR = 0. D2 is unused with serial programming.
HA456


Similar Part No. - HA456CMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA456CMZ INTERSIL-HA456CMZ Datasheet
251Kb / 13P
   120MHz, Low Power, 8x8 Video Crosspoint Switch
HA456CMZ INTERSIL-HA456CMZ Datasheet
297Kb / 13P
   120MHz, Low Power, 8x8 Video
logo
Renesas Technology Corp
HA456CMZ RENESAS-HA456CMZ Datasheet
625Kb / 13P
   120MHz, Low Power, 8x8 Video Crosspoint Switch
More results

Similar Description - HA456CMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA456 INTERSIL-HA456_06 Datasheet
251Kb / 13P
   120MHz, Low Power, 8x8 Video Crosspoint Switch
logo
Renesas Technology Corp
HA456 RENESAS-HA456 Datasheet
625Kb / 13P
   120MHz, Low Power, 8x8 Video Crosspoint Switch
logo
Intersil Corporation
HA456 INTERSIL-HA456 Datasheet
297Kb / 13P
   120MHz, Low Power, 8x8 Video
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4359 MAXIM-MAX4359_V01 Datasheet
444Kb / 17P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com