Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9112ILZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL9112ILZ
Description  Triple Differential Receiver/Equalizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9112ILZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL9112ILZ Datasheet HTML 1Page - Intersil Corporation EL9112ILZ Datasheet HTML 2Page - Intersil Corporation EL9112ILZ Datasheet HTML 3Page - Intersil Corporation EL9112ILZ Datasheet HTML 4Page - Intersil Corporation EL9112ILZ Datasheet HTML 5Page - Intersil Corporation EL9112ILZ Datasheet HTML 6Page - Intersil Corporation EL9112ILZ Datasheet HTML 7Page - Intersil Corporation EL9112ILZ Datasheet HTML 8Page - Intersil Corporation EL9112ILZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN7450.4
May 9, 2007
21
VINM_B
Blue negative differential input
VINM_B
Blue negative differential input
22
VSP
+5V to core of chip
VSP
+5V to core of chip
23
HOUT
Decoded Horizontal sync referenced to
SYNCREF
VCM_R
Red common-mode voltage at inputs
24
VOUT
Decoded Vertical sync referenced to SYNCREF
VCM_G
Green common-mode voltage at inputs
25
SYNCREF
Reference level for HOUT and VOUT logic outputs
VCM_B
Blue common-mode voltage at inputs
26
X2
Logic signal for x1/x2 output gain setting
X2
Logic signal for x1/x2 output gain setting
27
ENABLE
Chip enable logic signal
ENABLE
Chip enable logic signal
28
0V
0V reference for output voltage
0V
0V reference for output voltage
Thermal Pad
Must be connected to -5V
Pin Descriptions (Continued)
PIN
NUMBER
EL9111IL
PIN NAME
EL9111IL
PIN FUNCTION
EL9112IL
PIN NAME
EL9112IL
PIN FUNCTION
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE OF ALL CHANNELS
FIGURE 2. GAIN vs FREQUENCY ALL CHANNELS
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS VCTRL
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS VCTRL AND
VGAIN
1M
10M
100M 200M
5
3
1
-1
-3
-5
X2=LOW
VGAIN=0V
VCTRL=0V
RLOAD=150Ω
FREQUENCY (Hz)
EL9111, EL9112


Similar Part No. - EL9112ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9112ILZ INTERSIL-EL9112ILZ Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9112ILZ INTERSIL-EL9112ILZ Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9112ILZ INTERSIL-EL9112ILZ Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
EL9112ILZ-T13 INTERSIL-EL9112ILZ-T13 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9112ILZ-T13 INTERSIL-EL9112ILZ-T13 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
More results

Similar Description - EL9112ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com