Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE8550G-X-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # HE8550G-X-T92-B
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HE8550G-X-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  HE8550G-X-T92-B Datasheet HTML 1Page - Unisonic Technologies HE8550G-X-T92-B Datasheet HTML 2Page - Unisonic Technologies HE8550G-X-T92-B Datasheet HTML 3Page - Unisonic Technologies HE8550G-X-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HE8550
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-031.H
ABSOLUTE MAXIMUM RATING (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-6
V
Collector Dissipation
SOT-23
PC
350
mW
SOT-89
0.5
W
TO-92/TO-92NL
1
W
Collector Current
IC
-1.5
A
Junction Temperature
TJ
+150
C
Storage Temperature
TSTG
-65 ~ +150
C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
-40
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-2mA, IB=0
-25
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100μA, IC=0
-6
V
Collector Cut-Off Current
ICBO
VCB=-35V, IE=0
-100
nA
Emitter Cut-Off Current
IEBO
VEB=-6V, IC=0
-100
nA
DC Current Gain
hFE1
VCE=-1V, IC=-5mA
45
170
hFE2
VCE=-1V, IC=-100mA
85
160
500
hFE3
VCE=-1V, IC=-800mA
40
80
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-800mA, IB=-80mA
-0.28
-0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-800mA, IB=-80mA
-0.98
-1.2
V
Base-Emitter Voltage
VBE
VCE=-1V,IC=-10mA
-0.66
-1.0
V
Current Gain Bandwidth Product
fT
VCE=-10V,IC=-50mA
100
190
MHz
Output Capacitance
Cob
VCB=-10V, IE=0 f=1MHz
9.0
pF
CLASSIFICATION OF hFE2
RANK
C
D
E
RANGE
120-200
160-300
250-500


Similar Part No. - HE8550G-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HE8550 HSMC-HE8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
HE8550 UTC-HE8550 Datasheet
151Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550-C-AB3-B UTC-HE8550-C-AB3-B Datasheet
56Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550-C-AE3-B UTC-HE8550-C-AE3-B Datasheet
56Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550-C-T92-B UTC-HE8550-C-T92-B Datasheet
56Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
More results

Similar Description - HE8550G-X-T92-B

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G8551S ETL-G8551S Datasheet
161Kb / 2P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Unisonic Technologies
HE8551 UTC-HE8551 Datasheet
75Kb / 2P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_05 Datasheet
56Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_10 Datasheet
151Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
8550S UTC-8550S_10 Datasheet
188Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8550 UTC-S8550_15 Datasheet
151Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8050 UTC-S8050_15 Datasheet
190Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8550 UTC-S8550 Datasheet
75Kb / 2P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8551 UTC-HE8551_11 Datasheet
178Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8550 UTC-S8550_09 Datasheet
138Kb / 4P
   LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com