Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP69G-XX-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BCP69G-XX-AA3-R
Description  PNP MEDIUM POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BCP69G-XX-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BCP69G-XX-AA3-R Datasheet HTML 1Page - Unisonic Technologies BCP69G-XX-AA3-R Datasheet HTML 2Page - Unisonic Technologies BCP69G-XX-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCP69
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R207-009.E
ABSOLUTE MAXIMUM RATING (TA=25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage (Open Emitter)
VCBO
-32
V
Collector-Emitter Voltage (Open Base)
VCEO
-20
V
Emitter-Base Voltage (Open Collector)
VEBO
-5
V
Collector Current (DC)
IC
-1
A
Peak Collector Current
ICM
-2
A
Peak Base Current
IBM
-200
mA
Total Power Dissipation, Ta ≤25°C
PD
1.35
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-45 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
91
K/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Emitter Saturation Voltage
VCE(SAT) IC = -1A, IB = -100mA
-500
mV
Base-Emitter Voltage
VBE
IC = -5mA, VCE = -10V
-620
mV
IC = -1A, VCE = -1V
-1
V
Collector Cut-off Current
ICBO
IE = 0, VCB = -25V
-100
nA
IE = 0, VCB = -25V, TJ = 150°C
-10
µA
Emitter Cut-off Current
IEBO
IC = 0, VEB = -5V
-100
nA
DC Current Gain
hFE
IC = -5mA, VCE = -10V
50
IC = -500mA, VCE = -1V
85
375
IC = -1A, VCE = -1V
60
Collector Capacitance
CC
IE = ie = 0, VCB = -5V, f = 1MHz
48
pF
Transition Frequency
fT
IC = -10mA, VCE = -5V, f = 100MHz
40
MHz
DC current gain ratio of the
complementary pairs
FE2
FE1
h
h
|IC| = 0.5A, |VCE| = 1V
1.6
CLASSIFICATION OF hFE
RANK
16
25
RANGE
100~250
160~375


Similar Part No. - BCP69G-XX-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BCP69G-XX-AA3-R UTC-BCP69G-XX-AA3-R Datasheet
98Kb / 3P
   PNP MEDIUM POWER TRANSISTOR
More results

Similar Description - BCP69G-XX-AA3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com