Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJT7838 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # PJT7838
Description  50V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJT7838 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  PJT7838 Datasheet HTML 1Page - Pan Jit International Inc. PJT7838 Datasheet HTML 2Page - Pan Jit International Inc. PJT7838 Datasheet HTML 3Page - Pan Jit International Inc. PJT7838 Datasheet HTML 4Page - Pan Jit International Inc. PJT7838 Datasheet HTML 5Page - Pan Jit International Inc. PJT7838 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PPJT7838
June 17,2015-REV.00
Page 6
Disclaimer
● Reproducing and modifying information of the document is prohibited without permission from Panjit
International Inc..
● Panjit International Inc. reserves the rights to make changes of the content herein the document anytime
without notification. Please refer to our website for the latest document.
● Panjit International Inc. disclaims any and all liability arising out of the application or use of any product
including damages incidentally and consequentially occurred.
● Panjit International Inc. does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
● Applications shown on the herein document are examples of standard use and operation. Customers are
responsible in comprehending the suitable use in particular applications. Panjit International Inc. makes no
representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
● The products shown herein are not designed and authorized for equipments requiring high level of reliability or
relating to human life and for any applications concerning life-saving or life-sustaining, such as medical
instruments, transportation equipment, aerospace machinery et cetera. Customers using or selling these
products for use in such applications do so at their own risk and agree to fully indemnify Panjit International
Inc. for any damages resulting from such improper use or sale.
● Since Panjit uses lot number as the tracking base, please provide the lot number for tracking when
complaining.


Similar Part No. - PJT7838

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJT7839 PANJIT-PJT7839 Datasheet
281Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
PJT7839-AU PANJIT-PJT7839-AU Datasheet
417Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
December 9,2021 PJT7839-AU-REV.00
PJT7839-AU_R1_000A1 PANJIT-PJT7839-AU_R1_000A1 Datasheet
417Kb / 6P
   60V P-Channel Enhancement Mode MOSFET
December 9,2021 PJT7839-AU-REV.00
More results

Similar Description - PJT7838

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
logo
Cystech Electonics Corp...
BSS138C3 CYSTEKEC-BSS138C3 Datasheet
323Kb / 8P
   50V N-CHANNEL Enhancement Mode MOSFET
MTN002N05Y3 CYSTEKEC-MTN002N05Y3 Datasheet
344Kb / 8P
   50V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF_15 Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
BSS138DWK DIODES-BSS138DWK Datasheet
707Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2021
BSS138WQ DIODES-BSS138WQ Datasheet
686Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021
DMN5040LSS DIODES-DMN5040LSS Datasheet
409Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2016 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com