Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4420CN Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4420CN
Description  6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4420CN Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4420CN Datasheet HTML 2Page - Micrel Semiconductor MIC4420CN Datasheet HTML 3Page - Micrel Semiconductor MIC4420CN Datasheet HTML 4Page - Micrel Semiconductor MIC4420CN Datasheet HTML 5Page - Micrel Semiconductor MIC4420CN Datasheet HTML 6Page - Micrel Semiconductor MIC4420CN Datasheet HTML 7Page - Micrel Semiconductor MIC4420CN Datasheet HTML 8Page - Micrel Semiconductor MIC4420CN Datasheet HTML 9Page - Micrel Semiconductor MIC4420CN Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
April 1998
5-39
MIC4420/4429
Micrel
5
Table 1: MIC4429 Maximum
Operating Frequency
VS
Max Frequency
18V
500kHz
15V
700kHz
10V
1.6MHz
Conditions: 1. DIP Package (
θJA = 130°C/W)
2. TA = 25°C
3. CL = 2500pF
Input Stage
The input voltage level of the 4429 changes the quiescent
supply current. The N channel MOSFET input stage tran-
sistor drives a 450
µA current source load. With a logic “1”
input, the maximum quiescent supply current is 450
µA.
Logic “0” input level signals reduce quiescent current to
55
µA maximum.
The MIC4420/4429 input is designed to provide 300mV of
hysteresis. This provides clean transitions, reduces noise
sensitivity, and minimizes output stage current spiking
when changing states. Input voltage threshold level is
approximately 1.5V, making the device TTL compatible
over the 4 .5V to 18V operating supply voltage range. Input
current is less than 10
µA over this range.
The MIC4429 can be directly driven by the TL494, SG1526/
1527, SG1524, TSC170, MIC38HC42 and similar switch
mode power supply integrated circuits. By offloading the
power-driving duties to the MIC4420/4429, the power sup-
ply controller can operate at lower dissipation. This can
improve performance and reliability.
The input can be greater than the +VS supply, however,
current will flow into the input lead. The propagation delay
for TD2 will increase to as much as 400ns at room tempera-
ture. The input currents can be as high as 30mA p-p
(6.4mARMS) with the input, 6 V greater than the supply
voltage. No damage will occur to MIC4420/4429 however,
and it will not latch.
The input appears as a 7pF capacitance, and does not
change even if the input is driven from an AC source. Care
should be taken so that the input does not go more than 5
volts below the negative rail.
Power Dissipation
CMOS circuits usually permit the user to ignore power
dissipation. Logic families such as 4000 and 74C have
outputs which can only supply a few milliamperes of current,
and even shorting outputs to ground will not force enough
current to destroy the device. The MIC4420/4429 on the
other hand, can source or sink several amperes and drive
large capacitive loads at high frequency. The package
power dissipation limit can easily be exceeded. Therefore,
some attention should be given to power dissipation when
driving low impedance loads and/or operating at high fre-
quency.
The supply current vs frequency and supply current vs
capacitive load characteristic curves aid in determining
power dissipation calculations. Table 1 lists the maximum
safe operating frequency for several power supply voltages
when driving a 2500pF load. More accurate power dissipa-
tion figures can be obtained by summing the three dissipa-
tion sources.
Given the power dissipation in the device, and the thermal
resistance of the package, junction operating temperature
for any ambient is easy to calculate. For example, the
thermal resistance of the 8-pin MSOP package, from the
data sheet, is 250
°C/W. In a 25°C ambient, then, using a
maximum junction temperature of 150
°C, this package will
dissipate 500mW.
Accurate power dissipation numbers can be obtained by
summing the three sources of power dissipation in the
device:
• Load Power Dissipation (PL)
• Quiescent power dissipation (PQ)
• Transition power dissipation (PT)
Calculation of load power dissipation differs depending on
whether the load is capacitive, resistive or inductive.
Resistive Load Power Dissipation
Dissipation caused by a resistive load can be calculated as:
PL = I2 RO D
where:
I =
the current drawn by the load
RO = the output resistance of the driver when the output is
high, at the power supply voltage used. (See data
sheet)
D =
fraction of time the load is conducting (duty cycle)
Figure 3. Switching Time Degradation Due to
Negative Feedback
MIC4429
1
8
6, 7
5
4
+18 V
0.1µF
0.1µF
TEK CURRENT
PROBE 6302
10,000 pF
POLYCARBONATE
5.0V
0 V
18 V
0 V
WIMA
MK22
1 µF
2


Similar Part No. - MIC4420CN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420CN MICREL-MIC4420CN Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4420CN MIC-MIC4420CN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420CN MICREL-MIC4420CN Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4420CN

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
   12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
   3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com