Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29372BT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC29372BT
Description  750mA Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29372BT Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC29372BT Datasheet HTML 1Page - Micrel Semiconductor MIC29372BT Datasheet HTML 2Page - Micrel Semiconductor MIC29372BT Datasheet HTML 3Page - Micrel Semiconductor MIC29372BT Datasheet HTML 4Page - Micrel Semiconductor MIC29372BT Datasheet HTML 5Page - Micrel Semiconductor MIC29372BT Datasheet HTML 6Page - Micrel Semiconductor MIC29372BT Datasheet HTML 7Page - Micrel Semiconductor MIC29372BT Datasheet HTML 8Page - Micrel Semiconductor MIC29372BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MIC2937A/29371/29372
Micrel
October 1999
25
MIC2937A/29371/29372
Applications Information
External Capacitors
A 10
µF (or greater) capacitor is required between the
MIC2937A output and ground to prevent oscillations due to
instability. Most types of tantalum or aluminum electrolytics
will be adequate; film types will work, but are costly and
therefore not recommended. Many aluminum electrolytics
have electrolytes that freeze at about –30
°C,sosolidtantalums
are recommended for operation below –25
°C. The important
parameters of the capacitor are an effective series resistance
of about 5
Ω or less and a resonant frequency above 500kHz.
The value of this capacitor may be increased without limit.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.5
µF for current below 10mA or 0.15µF for currents below
1 mA. Adjusting the MIC29372 to voltages below 5V runs the
error amplifier at lower gains so that more output capacitance
is needed. For the worst-case situation of a 750mA load at
1.23V output (Output shorted to Adjust) a 22
µF (or greater)
capacitor should be used.
The MIC2937A/29371 will remain in regulation with a minimum
load of 5mA. When setting the output voltage of the MIC29372
version with external resistors, the current through these
resistors may be included as a portion of the minimum load.
A 0.1
µF capacitor should be placed from the input to ground
if there is more than 10 inches of wire between the input and
the AC filter capacitor or if a battery is used as the input.
Error Detection Comparator Output (MIC29371)
A logic low output will be produced by the comparator whenever
the MIC29371 output falls out of regulation by more than
approximately 5%. This figure is the comparator’s built-in
offset of about 75mV divided by the 1.235V reference voltage.
(Refer to the block diagram on Page 1). This trip level remains
“5% below normal” regardless of the programmed output
voltage of the MIC29371. For example, the error flag trip level
is typically 4.75V for a 5V output or 11.4V for a 12V output. The
out of regulation condition may be due either to low input
voltage,extremely high input voltage, current limiting, or thermal
limiting.
Figure 1 is a timing diagram depicting the ERROR signal and
the regulated output voltage as the MIC29371 input is ramped
up and down. The ERROR signal becomes valid (low) at
about 1.3V input. It goes high at about 5V input (the input
voltage at which V
OUT
= 4.75). Since the MIC29371’s dropout
voltage is load-dependent (see curve in Typical Performance
Characteristics), the input voltage trip point (about 5V) will
vary with the load current. The output voltage trip point
(approximately 4.75V) does not vary with load.
* SEE APPLICATIONS INFORMATION
*
*
OUTPUT
VOLTAGE
INPUT
VOLTAGE
ERROR
NOT
VALID
NOT
VALID
5V
1.3V
4.75V
Figure 1. ERROR Output Timing
The error comparator has an NPN open-collector output
which requires an external pull-up resistor. Depending on
system requirements, this resistor may be returned to the 5V
output or some other supply voltage. In determining a value
for this resistor, note that while the output is rated to sink
250
µA, this sink current adds to battery drain in a low battery
condition. Suggested values range from 100k to 1M
Ω. The
resistor is not required if this output is unused.
Programming the Output Voltage (MIC29372)
The MIC29372 may programmed for any output voltage
between its 1.235V reference and its 26V maximum rating. An
external pair of resistors is required, as shown in Figure 3.
The complete equation for the output voltage is
V
OUT = V
REF
x { 1 + R
1/R2 }
|I
FB|
R
1
where V
REF
is the nominal 1.235 reference voltage and I
FB
is
the Adjust pin bias current, nominally 20nA. The minimum
recommended load current of 1
µA forces an upper limit of
1.2M
Ω on the value of R
2
, if the regulator must work with no
load (a condition often found in CMOS in standby), I
FB
will
produce a –2% typical error in V
OUT
which may be eliminated
at room temperature by trimming R
1. For better accuracy,
choosing R
2
= 100k reduces this error to 0.17% while increasing
the resistor program current to 12
µA. Since the MIC29372
typically draws 100
µA at no load with SHUTDOWN open-
circuited, this is a negligible addition.
Reducing Output Noise
In reference applications it may be advantageous to reduce
the AC noise present at the output. One method is to reduce
the regulator bandwidth by increasing the size of the output
capacitor. This is relatively inefficient, as increasing the
capacitor from 1
µF to 220µF only decreases the noise from
430
µV to 160µV
RMS for a 100kHz bandwidth at 5V output.
Noise can be reduced by a factor of four with the adjustable


Similar Part No. - MIC29372BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29372BT MICREL-MIC29372BT Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC29372BT MICREL-MIC29372BT Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29372BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com