Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29371-12BT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC29371-12BT
Description  750mA Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29371-12BT Datasheet(HTML) 9 Page - Micrel Semiconductor

  MIC29371-12BT Datasheet HTML 1Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 2Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 3Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 4Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 5Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 6Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 7Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 8Page - Micrel Semiconductor MIC29371-12BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MIC2937A/29371/29372
Micrel
MIC2937A/29371/29372
26
October 1999
Automotive Applications
The MIC2937A is ideally suited for automotive applications
for a variety of reasons. It will operate over a wide range of
input voltages with very low dropout voltages (40mV at light
loads), and very low quiescent currents (100
µA typical).
These features are necessary for use in battery powered
systems, such as automobiles. It is a “bulletproof” device with
the ability to survive both reverse battery (negative transients
up to 20V below ground), and load dump (positive transients
up to 60V) conditions. A wide operating temperature range
with low temperature coefficients is yet another reason to use
these versatile regulators in automotive designs.
OUT
GND
+VIN
*V
≈5V
OUT
V
V
10µF
+
IN
V
OUT = 5V
Figure 2. MIC2937A-5.0 Fixed +5V Regulator
Figure 3. MIC29372 Adjustable Regulator
Typical Applications
Figure 5. MIC29372 5.0V or 3.3V Selectable Regulator with
Shutdown.
Figure 4. MIC29372 Wide Input Voltage Range Current Limiter
*MINIMUM INPUT-OUTPUT VOLTAGE RANGES FROM 40mV TO 400mV,
DEPENDING ON LOAD CURRENT.
SHUTDOWN PIN LOW= ENABLE OUTPUT. Q1 ON = 3.3V, Q1 OFF = 5.0V.
SHUTDOWN
V
GND
OUT
+VIN
ADJUST
SHUTDOWN
INPUT
100pF
2N2222
1%
300k
+5V to +7V
1%
180k
+
10µF
470 k
OFF
ON
5V
3.3V
220k
1%
VCC OUT
Input
Output
0
3.3V
1
5.0V
OUT
GND
ADJUST
V
VIN
+VIN
VOUT ≈ VIN
CBYPASS
1
2R1 • 200 Hz
π
regulators with a bypass capacitor across R
1
, since it reduces
the high frequency gain from 4 to unity. Pick
or about 0.01
µF. When doing this, the output capacitor must
be increased to 10
µF to maintain stability. These changes
reduce the output noise from 430
µV to 100µV
RMS for a 100
kHz bandwidth at 5V output. With the bypass capacitor
added, noise no longer scales with output voltage so that
improvements are more dramatic at higher output voltages.
IN
OUT
GND ADJUST
SHUTDOWN
V
V
SHUTDOWN
INPUT
OUT
V
1.2V
26V
1
R
.01
µF
10µF
2
R
1.23V
REF
V
VOUT = VREF x (1 +
)
1
R
2
R
OFF
ON


Similar Part No. - MIC29371-12BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29371-12BT MICREL-MIC29371-12BT Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC29371-12BT MICREL-MIC29371-12BT Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29371-12BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com