Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJS6416 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJS6416
Description  20V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6416 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJS6416 Datasheet HTML 1Page - Pan Jit International Inc. PJS6416 Datasheet HTML 2Page - Pan Jit International Inc. PJS6416 Datasheet HTML 3Page - Pan Jit International Inc. PJS6416 Datasheet HTML 4Page - Pan Jit International Inc. PJS6416 Datasheet HTML 5Page - Pan Jit International Inc. PJS6416 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJS6416
December 31,2014-REV.02
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
20
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
0.5
0.77
1.2
V
Drain-Source On-State Resistance
RDS(on)
VGS=4.5V, ID=7.4A
-
24
27
m
Ω
VGS=2.5V, ID=4.7A
-
33
41
VGS=1.8V, ID=1.8A
-
62
85
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
-
0.01
1
uA
Gate-Source Leakage Current
IGSS
VGS=+12V, VDS=0V
-
+10
+100
nA
Dynamic
Total Gate Charge
Qg
VDS=10V, ID=7.4A,
VGS=4.5V
(Note 1,2)
-
6.8
-
nC
Gate-Source Charge
Qgs
-
1.3
-
Gate-Drain Charge
Qgd
-
2
-
Input Capacitance
Ciss
VDS=10V, VGS=0V,
f=1.0MHZ
-
513
-
pF
Output Capacitance
Coss
-
74
-
Reverse Transfer Capacitance
Crss
-
60
-
Switching
Turn-On Delay Time
td(on)
VDD=10V, ID=7.4A,
VGS=4.5V,
RG=6Ω
(Note 1,2)
-
7
-
ns
Turn-On Rise Time
tr
-
57
-
Turn-Off Delay Time
td(off)
-
24
-
Turn-Off Fall Time
tf
-
14
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
2.0
A
Diode Forward Voltage
VSD
IS=1.0A, VGS=0V
-
0.69
1.2
V
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz. square pad of copper
4.
The maximum current rating is package limited


Similar Part No. - PJS6416

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6412 PANJIT-PJS6412 Datasheet
510Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
January 19,2022 PJS6412-REV.01
PJS6412_S1_00001 PANJIT-PJS6412_S1_00001 Datasheet
510Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
January 19,2022 PJS6412-REV.01
PJS6413 PANJIT-PJS6413 Datasheet
279Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
PJS6414 PANJIT-PJS6414 Datasheet
308Kb / 6P
   20V N-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
More results

Similar Description - PJS6416

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com