Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQV120N10-3M8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQV120N10-3M8
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQV120N10-3M8 Datasheet(HTML) 3 Page - Vishay Siliconix

  SQV120N10-3M8_15 Datasheet HTML 1Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 2Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 3Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 4Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 5Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 6Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 7Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 8Page - Vishay Siliconix SQV120N10-3M8_15 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQV120N10-3m8
www.vishay.com
Vishay Siliconix
S13-1433-Rev. A, 01-Jul-13
3
Document Number: 63402
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
50
100
150
200
0
2
4
6
8
10
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 7 V
V
GS = 5 V
V
GS = 6 V
0
40
80
120
160
200
0
14
28
42
56
70
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
2000
4000
6000
8000
10000
0
20
40
60
80
100
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0
30
60
90
120
150
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55°C
T
C = 125°C
T
C = 25°C
0.000
0.002
0.004
0.006
0.008
0.010
0
20
40
60
80
100
120
I
D - Drain Current (A)
V
GS = 10 V
0
2
4
6
8
10
0
30
60
90
120
150
Q
g - Total Gate Charge (nC)
I
D = 70 A
V
DS = 50 V


Similar Part No. - SQV120N10-3M8_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQV120N10-3m8-GE3 VISHAY-SQV120N10-3m8-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
SQV120N10-3M8-GE3 VISHAY-SQV120N10-3M8-GE3 Datasheet
133Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
SQV120N10-3M8 VISHAY-SQV120N10-3M8_V01 Datasheet
133Kb / 8P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQV120N10-3M8_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM70060EL VISHAY-SQM70060EL Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com