Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2954-02BS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2954-02BS
Description  250mA Low-Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2954-02BS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2954-02BS Datasheet HTML 1Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 2Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 3Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 4Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 5Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 6Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 7Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 8Page - Micrel Semiconductor MIC2954-02BS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
August 1999
5
MIC2954
MIC2954
Micrel
Note 11. The MIC2954 features fold-back current limiting. The short circuit (V
OUT = 0V) current limit is less than the maximum current with normal
output voltage.
Note 12. Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 200mA load pulse at V
IN = 20V (a 4W pulse) for t = 10ms.
Note 13. V
REF ≤ VOUT ≤ (VIN – 1V), 2.3V ≤ VIN ≤ 30V, 100 µA < IL ≤ 250 mA, TJ ≤ TJ(max).
Note 14. Comparator thresholds are expressed in terms of a voltage differential at the FB pin below the nominal reference voltage measured at 6V
input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = V
OUT /VREF = (R1 + R2)/R2. For
example, at a programmed output voltage of 5V, the error output is guaranteed to go low when the output drops by
95mV
× 5V/1.235V = 384mV. Thresholds remain constant as a percent of V
OUT as VOUT is varied, with the dropout warning occurring at
typically 5% below nominal, 7.5% guaranteed.
Note 15. V
SHDN ≥ 2V, VIN ≤ 30 V,VOUT = 0, with the FB pin connected to TAP.
Note 16. When used in dual supply systems where the regulator load is returned to a negative supply, the output voltage must be diode clamped to
ground.
Note 17. Maximum positive supply voltage of 60V must be of limited duration (<10ms) and duty cycle (<1%). The maximum continuous supply voltage
is 30V.


Similar Part No. - MIC2954-02BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954-02BS MICREL-MIC2954-02BS Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
More results

Similar Description - MIC2954-02BS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
REG102 TI-REG102 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com