Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2920A-12BT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2920A-12BT
Description  400mA Low-Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2920A-12BT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2920A-12BT Datasheet HTML 1Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 2Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 3Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 4Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 5Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 6Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 7Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 8Page - Micrel Semiconductor MIC2920A-12BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC2920A/29201/29202/29204
Micrel
3-12
January 1998
Parameter
Conditions
Min
Typ
Max
Units
Reference Voltage
MIC29202
1.223
1.235
1.247
V
1.210
1.260
Reference Voltage
MIC29202 (Note 8)
1.204
1.266
V
Reference Voltage
MIC29204
1.210
1.235
1.260
V
1.200
1.270
Reference Voltage
MIC29204 (Note 8)
1.185
1.285
V
Adjust Pin
20
40
nA
Bias Current
60
Reference Voltage
(Note 7)
20
ppm/
°C
Temperature
Coefficient
Adjust Pin Bias
0.1
nA/
°C
Current Temperature
Coefficient
Error Comparator
MIC29201, MIC29204
Output Leakage
V
OH
= 26V
0.01
1.00
µA
Current
2.00
Output Low
V
IN
= 4.5V
150
250
mV
Voltage
I
OL
= 250
µA
400
Upper Threshold
(Note 9)
40
60
mV
Voltage
25
Lower Threshold
(Note 9)
75
95
mV
Voltage
140
Hysteresis
(Note 9)
15
mV
Shutdown Input
MIC29201, MIC29202, MIC29204
Input Logic Voltage
1.3
V
Low (ON)
0.7
High (OFF)
2.0
Shutdown Pin
V
SHUTDOWN
= 2.4V
30
50
µA
Input Current
100
V
SHUTDOWN
= 26V
450
600
µA
750
Regulator Output
(Note 10)
310
µA
Current in Shutdown
20
Electrical Characteristics (Continued)
MIC29202, MIC29204


Similar Part No. - MIC2920A-12BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A-12BT MICREL-MIC2920A-12BT Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
MIC2920A-12BT MICREL-MIC2920A-12BT Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC2920A-12BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com