Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2940A-5.0BT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2940A-5.0BT
Description  1.25A Low-Dropout Voltage Regulator Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2940A-5.0BT Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2940A-5.0BT Datasheet HTML 1Page - Micrel Semiconductor MIC2940A-5.0BT Datasheet HTML 2Page - Micrel Semiconductor MIC2940A-5.0BT Datasheet HTML 3Page - Micrel Semiconductor MIC2940A-5.0BT Datasheet HTML 4Page - Micrel Semiconductor MIC2940A-5.0BT Datasheet HTML 5Page - Micrel Semiconductor MIC2940A-5.0BT Datasheet HTML 6Page - Micrel Semiconductor MIC2940A-5.0BT Datasheet HTML 7Page - Micrel Semiconductor MIC2940A-5.0BT Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC2940A/2941A
Micrel
MIC2940A/2941A
6
June 1999
0
25
50
75
100
125
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29401/2 Shutdown Current
vs. Temperaure
V
EN = 5V
V
EN = 2V
-500
-250
0
250
500
750
-0.5
0.0
0.5
1.0
1.5
2.0
-5
05
10
TIME (ms)
Load Transient
C
OUT = 10 µF
5mA
-200
-100
0
100
200
-0.5
0.0
0.5
1.0
1.5
2.0
-5
05
10
TIME (ms)
Load Transient
C
OUT = 100 µF
5mA
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29402/3 Adjust Pin
Current vs. Temperature
I
LOAD = 5mA
-40
-20
0
20
40
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
C
OUT = 10 µF
-10
0
10
20
4
6
8
10
-0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TIME (ms)
Line Transient
C
OUT = 100 µF
0.01
0.1
1
10
FREQUENCY (Hz)
Output Impedance
vs. Frequency
I
LOAD = 10mA


Similar Part No. - MIC2940A-5.0BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2940A-5.0BT MICREL-MIC2940A-5.0BT Datasheet
329Kb / 11P
   1.2A Low-Dropout Voltage Regulator
More results

Similar Description - MIC2940A-5.0BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200 Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5202 MICREL-MIC5202 Datasheet
85Kb / 6P
   Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
logo
Microchip Technology
MIC2940A MICROCHIP-MIC2940A Datasheet
2Mb / 24P
   1.25A Low Dropout Voltage Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
   100kHz 1.25A Switching Regulators Preliminary Information
MIC39500 MICREL-MIC39500 Datasheet
93Kb / 8P
   5A Low-Voltage Low-Dropout Regulator Advance Information
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com